Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP75H-4815SRW Datasheet(PDF) 2 Page - Recom International Power

Part # RP75H-4815SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP75H-4815SRW Datasheet(HTML) 2 Page - Recom International Power

  RP75H-4815SRW Datasheet HTML 1Page - Recom International Power RP75H-4815SRW Datasheet HTML 2Page - Recom International Power RP75H-4815SRW Datasheet HTML 3Page - Recom International Power RP75H-4815SRW Datasheet HTML 4Page - Recom International Power RP75H-4815SRW Datasheet HTML 5Page - Recom International Power RP75H-4815SRW Datasheet HTML 6Page - Recom International Power RP75H-4815SRW Datasheet HTML 7Page - Recom International Power RP75H-4815SRW Datasheet HTML 8Page - Recom International Power RP75H-4815SRW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DC/DC Converter
PB-2
REV.: 1/2016
www.recom-power.com
RP75H-RW
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range
nom Vin = 24V
nom Vin = 48V
nom Vin = 110V
9VDC
18VDC
43VDC
24VDC
48VDC
110VDC
36VDC
75VDC
160VDC
Input Surge Voltage
Vin = 24V, 1s max.
Vin = 48V, 1s max.
Vin = 110V, 1s max.
50VDC
100VDC
185VDC
Quiescent Current
Vin = 24V
Vin = 48V
Vin = 110V
85mA
50mA
10mA
185mA
90mA
Start-up time
Power up
Vin = 110V
Vin = 24V, Vin = 48V
60ms
25ms
Remote ON/OFF
Vin = 110V
Vin = 24V, Vin = 48V
60ms
25ms
Internal Operating Frequency
270kHz
300kHz
330kHz
Minimum Load
0%
Ripple and Noise
Measured by 20MHz BW
with a 4.7µF/50V X7R MLCC
with a 4.7µF/50V X7R MLCC
with a 4.7µF/50V X7R MLCC
with a 2.2µF/100V X7R MLCC
5 Vout
12, 15Vout
24Vout
48Vout
75mVp-p
100mVp-p
200mVp-p
300mVp-p
100mVp-p
125mVp-p
250mVp-p
350mVp-p
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
7.5VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Vin = 110V
DC-DC ON
DC-DC OFF
36VDC
43VDC
ON/OFF Control
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 12V
Input Current of CTRL pin
-0.5mA
1mA
Standby Current
3mA
Output Trim
-20%
+10%
Remote Sense
% of set Vout
10%
continued on next page
Specifications measured @ta = 25°C, resistive load, nominal Vin and rated Iout unless otherwise noted
Efficiency vs. Input Voltage
9Vin
24Vin
36Vin
Output Current [%]
10
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
30
50
70
90
100% Load
50% Load
25% Load
Input Voltage [V]
9
10
60
70
80
12
20
18
40
24
30
36
100
15
30
21
50
27
33
90
RP75H-2405SRW
Efficiency vs. Output Current


Similar Part No. - RP75H-4815SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIN RECOM-RP75-48051.8DIN Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIP RECOM-RP75-48051.8DIP Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-4805S RECOM-RP75-4805S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
More results

Similar Description - RP75H-4815SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com