Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP90Q-4848SRW Datasheet(PDF) 8 Page - Recom International Power

Part # RP90Q-4848SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP90Q-4848SRW Datasheet(HTML) 8 Page - Recom International Power

Back Button RP90Q-4848SRW Datasheet HTML 4Page - Recom International Power RP90Q-4848SRW Datasheet HTML 5Page - Recom International Power RP90Q-4848SRW Datasheet HTML 6Page - Recom International Power RP90Q-4848SRW Datasheet HTML 7Page - Recom International Power RP90Q-4848SRW Datasheet HTML 8Page - Recom International Power RP90Q-4848SRW Datasheet HTML 9Page - Recom International Power RP90Q-4848SRW Datasheet HTML 10Page - Recom International Power RP90Q-4848SRW Datasheet HTML 11Page - Recom International Power RP90Q-4848SRW Datasheet HTML 12Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PB-8
REV.: 2/2016
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP90Q-RW
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
below 100m
continuous, automatic recovery
Over Voltage Protection (OVP)
% of nom. Vout
115%-130%, Hiccup Mode
Over Load Protection (OLP)
% Iout rated
110%-140%, Hiccup Mode
Over Temperature Protection (OTP)
+110°C
Isolation Voltage
110Vin
I/P to O/P
I/P or O/P to Baseplate
3kVDC/1minute
1.5kVDC/1minute
24Vin, 48Vin
I/P to O/P
I/P or O/P to Baseplate
2.25kVDC/1minute
2.25kVDC/1minute
Isolation Resistance
500 VDC
1G
Ω min.
Isolation Capacitance
1500pF max.
Isolation Grade
110Vin
24Vin, 48Vin
Reinforced Insulation
Basic Insulation
ENVIRONMENTAL
Parameter
Condition
Value
Operating Baseplate Temperature Range
-40°C to +100°C
Maximum Case Temperature
100°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
vertical direction by natural convection (0.1m/s) without Heat-sink
vertical direction by natural convection (0.1m/s) with Heat-sink
9°C/W
7.5°C/W
Operating Humidity
5% - 95% RH
Pollution Degree
PD2
Shock
according to EN61373 standard
Thermal Shock
according to MIL-STD-810F standard
Vibration
according to EN61373 standard
Fire protection on railway vehicles
according to EN45545-2, 2013 standard
MTBF
according to MIL-HDBK-217F standard, 25°C
507.0 x 103 hours
continued on next page
Notes:
Note4: An input fuse is required if the mains supply isn’t over-current protected. Recommended fuse: T35A slow blow.
R
thcase-ambient = 9°C/W (vertical)
T
case
=
Case Temperature
R
thcase-ambientHC = 7.5°C/W (vertical)
T
ambient
=
Environment Temperature
P
dissipation
=
Internal losses
R
thcase-ambient =
T
case - Tambient
P
IN
=
Input Power
P
dissipation
P
OUT
=
Output Power
h
=
Efficiency under given Operating Conditions
P
dissipation = PIN - POUT =
P
OUTapp
- P
OUTapp
R
thcase-ambient
=
Thermal Impedance
h
Practical Example:
Take the RP90Q-2405SRW with 9V input Voltage and 50% load. What is the maximum ambient operating temperature? Use converter vertical in application without airflow.
Eff
min = 89% @ Vnom
P
OUT = 90W
P
OUTapp = 90 x 0.5 = 45W
h = 91% (Efficiency vs. Load Graph)
P
dissipation =
45
- 45 = 4.45W
0.91
without Heat-sink
with Heat-sink
R
th =
T
casemax - Tamb
--> 9°C/W =
100-T
amb
R
thHC =
T
casemax - Tamb --> 7.5°C/W =
100-T
amb
Pdissipation
4.45W
Pdissipation
4.45W
T
amb = 60°C
T
ambHC = 66°C
Thermal Calculation


Similar Part No. - RP90Q-4848SRW

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RP900B EDI-RP900B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
More results

Similar Description - RP90Q-4848SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com