Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP120Q-11048SRW Datasheet(PDF) 6 Page - Recom International Power

Part # RP120Q-11048SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP120Q-11048SRW Datasheet(HTML) 6 Page - Recom International Power

Back Button RP120Q-11048SRW Datasheet HTML 2Page - Recom International Power RP120Q-11048SRW Datasheet HTML 3Page - Recom International Power RP120Q-11048SRW Datasheet HTML 4Page - Recom International Power RP120Q-11048SRW Datasheet HTML 5Page - Recom International Power RP120Q-11048SRW Datasheet HTML 6Page - Recom International Power RP120Q-11048SRW Datasheet HTML 7Page - Recom International Power RP120Q-11048SRW Datasheet HTML 8Page - Recom International Power RP120Q-11048SRW Datasheet HTML 9Page - Recom International Power RP120Q-11048SRW Datasheet HTML 10Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
OUTPUT TRIM
continued on next page
PB-6
REV.: 2/2016
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP120Q-RW
Series
RP120Q-xx05SRW
RP120Q-xx12SRW
RP120Q-xx15SRW
RP120Q-xx24SRW
RP120Q-xx48SRW
Trim Down all Vout‘s
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
1 =
1580
806
536
402
324
247
237
205
187
169
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
1 =
4530
2320
1540
1150
931
787
681
604
536
487
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
1 =
5760
2940
1960
1470
1210
1020
866
768
698
619
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
Volts
R
1 =
9530
4870
3240
2940
2000
1690
1470
1270
1150
1050
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
48.48
48.96
49.44
49.92
50.40
50.88
51.36
51.84
52.32
52.80
Volts
R
1 =
19600
9945
6650
5110
4120
3400
3010
2610
2370
2150
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
R
2 =
499
243
162
118
909
75
63.4
53.6
46.4
41.2
KOhms
Trim down
11
12
13
14
15
16
17
18
19
20
%
R
2 =
36.5
32.4
28.7
26.1
23.7
21.5
19.6
18.2
16.5
15.4
KOhms
Trim Calculation
Vout
=
Output Voltage
R
1 =
q511*Vout+5.11DVout*Vout) -(511+10.22DVout)rkΩ
DVout
=
Output Voltage Trim in %
1.225*DVout
DVout
R1
=
trim up resistor
R2
=
trim down resistor
R
2 =
q 511 -10.22rkΩ
DVout
Practical Example:
Trim Up:
Vout = 5V,
DVout = 10% (5.5V)
R
1 =
q511*Vout+5.11DVout*Vout)-(511+10.22DVout)rkΩ=511*5+5.11*10*5 -511+10.22*10 =229.43-61.32=169kΩ
1.225*
DVout
DVout
1.225*10
10
Trim down:
Vout = 5V,
DVout = -10% (4.5V)
R
2 =
q511 -10.22rkΩ= 511-10.22= 41.2kΩ
DVout
10


Similar Part No. - RP120Q-11048SRW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RP12010L103BW VISHAY-RP12010L103BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12010L222BW VISHAY-RP12010L222BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12010L223BW VISHAY-RP12010L223BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12010L472BW VISHAY-RP12010L472BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12025L103BW VISHAY-RP12025L103BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
More results

Similar Description - RP120Q-11048SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com