Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJPF13009 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJPF13009
Description  High Voltage Switch Mode Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJPF13009 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJPF13009 Datasheet HTML 1Page - Fairchild Semiconductor FJPF13009 Datasheet HTML 2Page - Fairchild Semiconductor FJPF13009 Datasheet HTML 3Page - Fairchild Semiconductor FJPF13009 Datasheet HTML 4Page - Fairchild Semiconductor FJPF13009 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, May 2003
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
Figure 6. Forward Bias Safe Operating Area
0.1
1
10
100
1
10
100
VCE = 5V
IC[A], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
I
C = 3 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
1000
1
10
100
1000
V
CB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
10
100
1000
10000
V
CC
=125V
I
C=5IB
t
D, VBE(off)=5V
t
R
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
100
1000
10000
V
CC=125V
I
C=5IB
t
F
t
STG
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - FJPF13009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FJPF13009 ONSEMI-FJPF13009 Datasheet
211Kb / 7P
   NPN Silicon Transistor
September 2014 Rev. 1.2.1
logo
Fairchild Semiconductor
FJPF13009H1TU FAIRCHILD-FJPF13009H1TU Datasheet
125Kb / 6P
   NPN Silicon Transistor
logo
ON Semiconductor
FJPF13009H1TU ONSEMI-FJPF13009H1TU Datasheet
211Kb / 7P
   NPN Silicon Transistor
September 2014 Rev. 1.2.1
logo
Fairchild Semiconductor
FJPF13009H2TU FAIRCHILD-FJPF13009H2TU Datasheet
125Kb / 6P
   NPN Silicon Transistor
logo
ON Semiconductor
FJPF13009H2TU ONSEMI-FJPF13009H2TU Datasheet
211Kb / 7P
   NPN Silicon Transistor
September 2014 Rev. 1.2.1
More results

Similar Description - FJPF13009

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF3305 FAIRCHILD-FJPF3305 Datasheet
80Kb / 5P
   High Voltage Switch Mode Application
FJP13009 FAIRCHILD-FJP13009 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
MJE13007F FAIRCHILD-MJE13007F Datasheet
55Kb / 5P
   High Voltage Switch Mode Application
logo
SemiHow Co.,Ltd.
KSB13003CR SEMIHOW-KSB13003CR Datasheet
912Kb / 6P
   High Voltage Switch Mode Application
KSB13003H SEMIHOW-KSB13003H Datasheet
845Kb / 6P
   High Voltage Switch Mode Application
KSB13003HR SEMIHOW-KSB13003HR Datasheet
451Kb / 6P
   High Voltage Switch Mode Application
logo
Fairchild Semiconductor
FJP5555 FAIRCHILD-FJP5555 Datasheet
66Kb / 5P
   High Voltage Switch Mode Application
KSE13004 FAIRCHILD-KSE13004 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
KSE13006 FAIRCHILD-KSE13006 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
FJPF5555 FAIRCHILD-FJPF5555 Datasheet
71Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF3305 ONSEMI-FJPF3305 Datasheet
221Kb / 7P
   High Voltage Switch Mode Application
May 2007 Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com