Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03KR123-2U7S3 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03KR123-2U7S3
Description  Cable assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03KR123-2U7S3 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03KR123-2U7S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03KR123-2U7S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Cable assembly
RPC-3.50 Plug / Jack– RTK 162 - VA Armour
LU7-039-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances: ± 3mm for A ≤ 300 mm; ± 1% for A > 300 mm
Available variants
Type
Insertion loss
Weight (g) / pce
LU7-039-XXX
≤ 0.00203 dB/mm * A mm + 0.4 dB
0.2456 g/mm * A mm + 206 g
XXX – length in mm = A
Note:
max. Insertion Loss:
First constant = Cable attenuation in dB /mm; Second Constant = Connector left and Connector right +needed Adaptor
Weight:
First constant = Cable- and Armour- weight per mm; Second Constant = Connector left and Connector right weight per pce
Documents
Technical data sheet connector left
RPC-3.50 plug
03S123-2U7S3
Technical data sheet connector right
RPC-3.50 ruggedized jack
03KR123-2U7S3
Technical data sheet cable
RTK 162
Calibration of measuring equipment for
VDI/VDE/DGQ/DKD 2622 Part 19
electrical quantities - Characterisation of
HF measuring cables
Assembly parts
Connector left
RPC-3.50 plug
03S123-2U7S3
Connector right
RPC-3.50 ruggedized jack
03KR123-2U7S3
Cable
RTK 162
Armour
Metal tubing with fixed bending rate and protection braid


Similar Part No. - 03KR123-2U7S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03KR121-K0AS3 ROSENBERGER-03KR121-K0AS3 Datasheet
49Kb / 2P
   RPC-3.50 ADAPTOR
03KR121-S0AS3 ROSENBERGER-03KR121-S0AS3 Datasheet
49Kb / 2P
   RPC-3.50 ADAPTOR
03KR121-SR00S3 ROSENBERGER-03KR121-SR00S3 Datasheet
53Kb / 2P
   RPC-3.50 ADAPTOR
More results

Similar Description - 03KR123-2U7S3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com