Electronic Components Datasheet Search |
|
MR83C154T-L16 Datasheet(PDF) 9 Page - TEMIC Semiconductors |
|
MR83C154T-L16 Datasheet(HTML) 9 Page - TEMIC Semiconductors |
9 / 24 page 80C154/83C154 Rev.F (14 Jan. 97) 9 MATRA MHS (MSB) (LSB) TF2 EXF2 RCLK TCLK EXEN2 TR2 C/T2 CP/RL2 The baud rate generator mode is selected by : RCLK = 1 and/or TCLK = 1. Symbol Position Name and Significance TF2 T2CON.7 Timer 2 overflow flag set by a Timer 2 overflow and must be cleared by software. TF2 will not be set when either RCLK = 1 OR TCLK = 1. EXF2 T2CON.6 Timer 2 external flag set when either a capture or reload is caused by a negative transition on T2EX and EXEN2 = 1. When Timer 2 interrupt is enabled, EXF2 = 1 will cause the CPU to vector to the Timer 2 interrupt routine. EXF2 must be cleared by software. RCLK T2CON.5 Receive clock flag. When set, causes the serial port to use Timer2 overflow pulses for its receive clock in modes 1 and 3. RCLK = 0 causes Timer 1 overflow to be used for the receive clock. TCLK T2CON.4 Transmit clock flag. When set, causes the serial port to use Timer 2 overflow pulses for its transmit clock in modes 1 and 3. TCLK = 0 causes Timer 1 overflows to be used for the transmit clock. EXEN2 T2CON.3 Timer 2 external enable flag. When set, allows capture or reload to occur as a result of a negative transition on T2EX if Timer 2 is not being used to clock the serial port. EXEN2 = 0 causes Timer 2 to ignore events at T2EX. TR2 T2CON.2 Start/stop control for Timer 2. A logic 1 starts the timer. C/T2 T2CON.1 Timer or counter select. (Timer 2) 0 = Internal timer (OSC/12) 1 = External event counter (falling edge triggered). CP/RL2 T2CON.0 Capture/Reload flag. When set, captures will occur on negative transitions at T2EX if EXEN 2 = 1. When cleared, auto reloads will occur either with Timer 2 overflows or negative transition at T2EX when EXEN2 = 1. When either RCLK = 1 or TCLK = 1, this bit is ignored and the timer is forced to auto-reload on Timer 2 overflow. Timer Functions In fact, timer 0 & 1 can be connected by a software instruction to implement a 32 bit timer function. Timer 0 (mode 3) or timer 1 (mode 0, 1, 2) or a 32 bit timer consisting of timer 0 + timer 1 can be employed in the watchdog mode, in which case a CPU reset is generated upon a TF1 flag. The internal pull-up resistances at ports 1~3 can be set to a ten times increased value simply by software. 32 Bit Mode and Watching Mode The 83C154 has two supplementary modes. They are accessed by bits WDT and T32 of register IOCON. Figure 10 showns how IOCON must be programmed in order to have access to these functions Figure 9. 32 bit timer [IOCON bit 6 (T32) = 1] Watchdog timer |
Similar Part No. - MR83C154T-L16 |
|
Similar Description - MR83C154T-L16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |