Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5491UA07538-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5491UA07538-T
Description  Precision-Matched Resistor-Divider in SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5491UA07538-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5491UA07538-T Datasheet HTML 1Page - Maxim Integrated Products MAX5491UA07538-T Datasheet HTML 2Page - Maxim Integrated Products MAX5491UA07538-T Datasheet HTML 3Page - Maxim Integrated Products MAX5491UA07538-T Datasheet HTML 4Page - Maxim Integrated Products MAX5491UA07538-T Datasheet HTML 5Page - Maxim Integrated Products MAX5491UA07538-T Datasheet HTML 6Page - Maxim Integrated Products MAX5491UA07538-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Applications Information
Self-Heating and Error
Applying a voltage across terminals P1 and P2 causes
the device to heat up due to power dissipation. In high-
voltage applications, consider the error in resistance-
ratio temperature coefficient caused by self-heating.
The worst-case self-heating occurs when the operating
voltage attains its maximum value. Approximate the
result of power dissipation under this condition as:
The thermal resistance from junction to ambient,
θJ-A,
for a 3-pin SOT23 package is 141°C/W. Calculate the
resulting temperature rise as:
∆T = 83.3mW x 141°C/W = 11.7°C
If the ratio temperature coefficient is 2ppm/°C (typ), the
total error introduced by self-heating is:
11.7
°C x 2ppm/°C = 23.4ppm
P
V
R
V
k
mW
DISS
MAX
.
= ()
= ()
=
22
50
30
83 3
Precision-Matched Resistor-Divider in SOT23
4
_______________________________________________________________________________________
IN
P1
P2
P3
MAX5491
R2
R1
OUT
Figure 3. Buffered Attenuator
MAX5491
R2
R1
P1
P2
P3
IN
OUT
Figure 1. Inverting Amplifier Configuration
P1
P2
P3
MAX5491
R2
R1
OUT
IN
Figure 4. Attenuator with Buffer
MAX5491
R2
R1
P1
P2
P3
IN
OUT
Figure 2. Noninverting Amplifier Configuration
A
V
V
R
R
OUT
IN
== − 1
2
A
V
V
R
R
OUT
IN
==
+
1
1
2
A
V
V
R
RR
OUT
IN
==
+
2
12
A
V
V
R
RR
OUT
IN
==
+
2
12
Typical Applications


Similar Part No. - MAX5491UA07538-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX549 MAXIM-MAX549 Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX5490 MAXIM-MAX5490 Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5490 MAXIM-MAX5490 Datasheet
186Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
19-3337; Rev 2; 3/05
MAX5490PA02500-T MAXIM-MAX5490PA02500-T Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5490RB03000-T MAXIM-MAX5490RB03000-T Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
More results

Similar Description - MAX5491UA07538-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5492 MAXIM-MAX5492 Datasheet
147Kb / 8P
   10k廓 Precision-Matched Resistor-Divider in SOT23
19-3695; Rev 0; 5/05
MAX5490 MAXIM-MAX5490_05 Datasheet
186Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
19-3337; Rev 2; 3/05
MAX5490 MAXIM-MAX5490 Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
   SOT23 Thin Film Precision Voltage Divider Network
logo
Analog Devices
LT5401 AD-LT5401 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
logo
TT Electronics.
DIV23 TTELEC-DIV23_17 Datasheet
546Kb / 3P
   SOT23 Surface Mount Voltage Divider
logo
IRC - a TT electronics ...
SOT-DIV23-01-1002-1002B IRCTT-SOT-DIV23-01-1002-1002B Datasheet
292Kb / 2P
   SOT23 Surface Mount Voltage Divider
logo
Vishay Siliconix
100267 VISHAY-100267 Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com