Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7376 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7376
Description  Silicon Oscillator with Reset Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7376 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX7376 Datasheet HTML 1Page - Maxim Integrated Products MAX7376 Datasheet HTML 2Page - Maxim Integrated Products MAX7376 Datasheet HTML 3Page - Maxim Integrated Products MAX7376 Datasheet HTML 4Page - Maxim Integrated Products MAX7376 Datasheet HTML 5Page - Maxim Integrated Products MAX7376 Datasheet HTML 6Page - Maxim Integrated Products MAX7376 Datasheet HTML 7Page - Maxim Integrated Products MAX7376 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Silicon Oscillator with Reset Output
_______________________________________________________________________________________
7
Chip Information
TRANSISTOR COUNT: 2027
PROCESS: BiCMOS
PART
PIN-PACKAGE
RESET THRESHOLD
(V)
FREQUENCY
(Hz)
TOP MARK
MAX7376CRAA
5 SOT23
2.57
32.768k
AEUZ
MAX7376CRMG
5 SOT23
2.57
1M
AEUN
MAX7376CROK
5 SOT23
2.57
1.8432M
AEUJ
MAX7376CRQT
5 SOT23
2.57
3.39545M
AETT
MAX7376CRQW
5 SOT23
2.57
3.6864M
AETU
MAX7376CRRD
5 SOT23
2.57
4M
AETV
MAX7376CRRH
5 SOT23
2.57
4.1943M
AETW
MAX7376CRTP
5 SOT23
2.57
8M
AESF
MAX7376CMMG
5 SOT23
4.29
1M
AEUM
MAX7376CMOK
5 SOT23
4.29
1.8432M
AEUI
MAX7376CMQT
5 SOT23
4.29
3.39545M
AESH
MAX7376CMQW
5 SOT23
4.29
3.6864M
AETP
MAX7376CMRD
5 SOT23
4.29
4M
AESJ
MAX7376CMRH
5 SOT23
4.29
4.1943M
AETR
MAX7376CMTP
5 SOT23
4.29
8M
AETS
Table 3. Standard Part Numbers


Similar Part No. - MAX7376

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
   -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG++ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results

Similar Description - MAX7376

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com