Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91320--2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 91320--2
Description  Backplane Receptacle Connector Assemblies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

91320--2 Datasheet(HTML) 2 Page - Tyco Electronics

  91320--2 Datasheet HTML 1Page - Tyco Electronics 91320--2 Datasheet HTML 2Page - Tyco Electronics 91320--2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
408--4571
Seating Tools 91318--[ ], 91319--[ ], and 91320--[ ]
Rev A
2
of 3
Tyco Electronics Corporation
3.2. Application Tooling
Power for the seating tool must be provided by a
machine capable of supplying a downward force of
89 Newtons (N) [20 lb] per contact. Manual Electric
Servo Press (MEP 6T) 2--1399500--5 and Bench Top
Electric Servo Presses (BMEP 3T) 1--1399400--5 and
(BMEP 5T) 2--1399401--4 are available for this
seating tool. For information on the presses, visit the
press--fit assembly equipment website at
http://tooling.tycoelectronics.com/pressfit.asp.
4. SEATING
1. Set seating height to the dimension shown in
Figure 2 (applicator shut height will equal the
seating height PLUS the combined thicknesses of
the pc board, and pc board support fixture).
2. Position the connector onto the pc board so that
the contacts are properly aligned with the holes in
the pc board and the holes or slots in the pc board
support fixture. See Figure 2.
3. Sit the connector onto the pc board until the tips
of the contacts are resting securely on, but have
not fully entered, the holes in the pc board.
4. Position the seating tool onto the connector with
the slanted surface oriented as shown in Figure 2.
5. Center the seating tool and connector under the
applicator ram, and slowly lower the ram until it just
meets the seating tool. Verify the alignment of the
pc board support fixture, pc board, connector, and
seating tool.
Damage to the pc board, seating tool, or
connector may occur if seating height is
improperly set, if the pc board is not properly
positioned with the seating tool, or if the seating
tool is not properly seated on the connector
before cycling the applicator ram.
6. Cycle the applicator ram according to
instructions for the application tooling.
7. Remove the pc board with the seated connector,
and check the connector for proper seating
according to the following:
a. the widest section of each contact is inside its
intended pc board hole
b. the connector is seated on the pc board with
the seating height given in Figure 2.
For detailed inspection requirements of the
seated connector assembly, refer to Application
Specification 114--13020.
A damage connector should not be used. If a
damaged connector is evident, it should be
removed from the pc board and replaced with a
new one.
Figure 2
View After Seating
Seating Height
(Connector Seated)
38.1 [1.50]
Applicator
Shut Height
(Ram Down)
Applicator Ram
(Fully Down)
Seating Tool Centered
Under Applicator Ram and
Bottomed on Connector
Contacts in PC Board Holes
and Holes or Grooves in
PC Board Support Fixture
PC Board Support Fixture
(Customer Supplied)
PC Board
CAUTION
!
NOTE
i
CAUTION
!


Similar Part No. - 91320--2

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
9132 ENERCON-9132 Datasheet
901Kb / 3P
   Managed Military Grade Embedded Ethernet Switch - 28 x 10/100/1000TX Ports 2 x Gigabit (SGMII) 2 x 10Gigabit (SFI) Fiber Ports
logo
ASM GmbH
9132-50 ASM-SENSOR-9132-50 Datasheet
164Kb / 1P
   For power line current value measurement
logo
Molex Electronics Ltd.
91322-0003 MOLEX11-91322-0003 Datasheet
134Kb / 3P
   2.54mm (.100") Pitch Smart Card Connector, 16 Circuits, Through Hole, Locating Pegs, Press-fit Pegs
logo
Meder Electronic
9132711054 MEDER-9132711054 Datasheet
215Kb / 2P
   Reed sensor
logo
List of Unclassifed Man...
9132B ETC2-9132B Datasheet
511Kb / 4P
   Three independent and electrically isolated outputs
More results

Similar Description - 91320--2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-163 GLENAIR-257-163 Datasheet
67Kb / 2P
   Connector Receptacle Assemblies
220-04H10 GLENAIR-220-04H10 Datasheet
80Kb / 1P
   Connector Receptacle Assemblies
220-03H10 GLENAIR-220-03H10 Datasheet
429Kb / 1P
   Bulkhead Connector Receptacle Assemblies
220-00E10 GLENAIR-220-00E10 Datasheet
40Kb / 1P
   Bulkhead Connector Receptacle Assemblies
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
   Receptacle Assemblies
logo
Tyco Electronics
5-103735-3 MACOM-5-103735-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
logo
Glenair, Inc.
220-09E10 GLENAIR-220-09E10 Datasheet
427Kb / 1P
   Plug Connector Assemblies
logo
TE Connectivity Ltd
C-1735284 TEC-C-1735284 Datasheet
801Kb / 5P
   SATA BACKPLANE RECEPTACLE, VERTICAL, SMT
logo
Molex Electronics Ltd.
62201-8665 MOLEX11-62201-8665 Datasheet
35Kb / 1P
   Backplane Press-In Tool for 5-Pair by 16-Column Assemblies
0622018679 MOLEX-0622018679 Datasheet
46Kb / 5P
   Backplane Press-In Tool for 4-Pair by 6-Column Assemblies
02/27/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com