Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7500-MAX7502 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7500-MAX7502
Description  Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7500-MAX7502 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7500-MAX7502 Datasheet HTML 5Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 6Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 7Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 8Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 9Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 10Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 11Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 12Page - Maxim Integrated Products MAX7500-MAX7502 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Applications Information
Digital Noise
The MAX7500/MAX7501/MAX7502 feature an integrat-
ed lowpass filter on both the SCL and the SDA digital
lines to mitigate the effects of bus noise. Although this
filtering makes communication robust in noisy environ-
ments, good layout practices are always recommend-
ed. Minimize noise coupling by keeping digital traces
away from switching power supplies. Ensure that digital
lines containing high-speed data communications
cross at right angles to the SDA and SCL lines.
Excessive noise coupling into the SDA and SCL lines
on the MAX7500/MAX7501/MAX7502—specifically
noise with amplitude greater than 400mVP-P (the
MAX7500/MAX7501/MAX7502s’ typical hysteresis),
overshoot greater than 300mV above +VS , and under-
shoot more than 300mV below GND—may prevent suc-
cessful serial communication. Serial bus no-acknowl-
edge is the most common symptom, causing unneces-
sary traffic on the bus.
Care must be taken to ensure proper termination within
a system with long PC board traces or multiple parts on
the bus. Resistance can be added in series with the
SDA and SCL lines to further help filter noise and ring-
ing. If it proves to be necessary, a 5k
Ω resistor should
be placed in series with the SCL line, placed as close
as possible to SCL. This 5k
Ω resistor, with the 5pF to
10pF stray capacitance of the MAX7500/MAX7501/
MAX7502 provide a 6MHz to 12MHz lowpass filter,
which is sufficient filtering in most cases.
Chip Information
TRANSISTOR COUNT: 9611
PROCESS: CMOS
Digital Temperature Sensors and Thermal
Watchdog with Bus Lockup Protection
______________________________________________________________________________________
11


Similar Part No. - MAX7500-MAX7502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results

Similar Description - MAX7500-MAX7502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com