Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4190ARIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM4190ARIZ
Description  High Stability Isolated Error Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4190ARIZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM4190ARIZ Datasheet HTML 3Page - Analog Devices ADuM4190ARIZ Datasheet HTML 4Page - Analog Devices ADuM4190ARIZ Datasheet HTML 5Page - Analog Devices ADuM4190ARIZ Datasheet HTML 6Page - Analog Devices ADuM4190ARIZ Datasheet HTML 7Page - Analog Devices ADuM4190ARIZ Datasheet HTML 8Page - Analog Devices ADuM4190ARIZ Datasheet HTML 9Page - Analog Devices ADuM4190ARIZ Datasheet HTML 10Page - Analog Devices ADuM4190ARIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADuM4190
Data Sheet
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
Junction Temperature Range
−40°C to +150°C
Supply Voltages1
VDD1, VDD2
−0.5 V to +24 V
VREG1, VREG2
−0.5 V to +3.6 V
Input Voltages (+IN, −IN)
−0.5 V to +3.6 V
Output Voltages
REFOUT, REFOUT1, COMP, EAOUT
−0.5 V to +3.6 V
EAOUT2
−0.5 V to +5.5 V
Output Current per Output Pin
−11 mA to +11 mA
Common-Mode Transients2
−100 kV/µs to +100 kV/µs
1
All voltages are relative to their respective grounds.
2
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Table 8. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage, Bipolar Waveform
560
V peak
50-year minimum lifetime
AC Voltage, Unipolar Waveform
1131
V peak
50-year minimum lifetime
DC Voltage
1131
V peak
50-year minimum lifetime
1
Refers to the continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more information.


Similar Part No. - ADuM4190ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM4190ARIZ AD-ADuM4190ARIZ Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
More results

Similar Description - ADuM4190ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com