Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3190BRQZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM3190BRQZ-RL7
Description  High Stability Isolated Error Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3190BRQZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM3190BRQZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM3190BRQZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ADuM3190
Data Sheet
Rev. A | Page 6 of 18
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced isolation only within the safety limit data. Maintenance of the safety data is ensured by protective
circuits. The asterisk (*) marking branded on the package denotes DIN V VDE V 0884-10 approval for a 565 V peak working voltage.
Table 6.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
565
V peak
Input-to-Output Test Voltage, Method B1
VIORM × 1.875 = Vpd(m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd(m)
1059
V peak
Input-to-Output Test Voltage, Method A
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd(m), tini = 60 sec,
tm = 10 sec, partial discharge < 5 pC
Vpd(m)
848
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd(m), tini = 60 sec,
tm = 10 sec, partial discharge < 5 pC
Vpd(m)
678
V peak
Highest Allowable Overvoltage
VIOTM
4000
V peak
Surge Isolation Voltage
VPEAK = 10 kV; 1.2 µs rise time; 50 µs, 50% fall time
VIOSM
6250
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 2)
Case Temperature
TS
150
°C
Safety Total Dissipated Power
PS
1.64
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
Figure 2. Thermal Derating Curve, Dependence of Safety Limiting Values on Case
Temperature, per DIN V VDE V 0884-10
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
100
150
200
AMBIENT TEMPERATURE (°C)


Similar Part No. - ADuM3190BRQZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3190BRQZ-RL7 AD-ADuM3190BRQZ-RL7 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190BRQZ-RL7 AD-ADuM3190BRQZ-RL7 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
More results

Similar Description - ADuM3190BRQZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com