Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18024-3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 18024-3
Description  Small Form-Factor Pluggable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

18024-3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  18024-3 Datasheet HTML 1Page - TE Connectivity Ltd 18024-3 Datasheet HTML 2Page - TE Connectivity Ltd 18024-3 Datasheet HTML 3Page - TE Connectivity Ltd 18024-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408-32209
Rev A
2 of 4
it should be at least 25.4 mm [1 in.] longer and wider than the pc board
it should have flat surfaces with holes or a channel large enough and deep enough to receive any
protruding components of the product
3.2. Application Tool
Power for seating tools must be provided by an application tool (with a ram) capable of supplying a downward
force of 44.5 N [10 lb-force] per contact. For available application tools, call PRODUCT INFORMATION at the
number at the bottom of page 1.
CAUTION
Over-driving of the cage assembly will deform parts critical to the quality of the connection. Maximum force occurs prior to the
cage assembly bottoming on the pc board.
4. SETUP
When setting up equipment to seat the cage assembly, pay particular attention to the following:
the seating tool must be matched to the cage assembly
CAUTION
If the seating tool and cage assembly are mismatched or are improperly aligned, damage could occur to the tooling, cage
assembly, or both.
light pipes MUST NOT be assembled onto the cage assembly
the wall support must be properly installed, and the seating tool, cage assembly, and application tool ram
must be properly aligned before cycling the application tool
1. Set the tool seating height to the dimension shown in Figure 2 (application tool shut height will equal
the tool seating height PLUS the combined thicknesses of the pc board and support fixture).
Figure 2
After seating, a gap of no more than 0.10 mm [.004 in.] between the cage assembly standoffs and the
pc board is allowed.
NOTE
Use the tool seating height as a reference starting point. This height may need to be adjusted to obtain the amount allowed
(maximum of 0.10 mm [.004 in.]) between the standoffs of the cage assembly and the pc board.
2. Slide the wall support into the ports of the cage assembly until the wall support is secure.
5. SEATING (Figure 2)
NOTE
The connector must be mounted on the pc board BEFORE seating the cage assembly.
Ram of Application
Tool (Fully Down)
Seating Tool
Wall Support
(Installed in Ports
of Cage Assembly)
Application Tool
Shut Height (Ram
Fully Down) (See
Section 4, Step 1)
0.10 [.004] (Max)
Gap Allowed
Compliant Pin Contacts
(and Any Protruding
Components) Inserted into
Holes in PC Board and PC
Board Support Fixture
PC Board
PC Board
Support Fixture
Tool Seating Height
26.63 [1.048] with
Cage Assembly Seated


Similar Part No. - 18024-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
18024-3 TEC-18024-3 Datasheet
1Mb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
18024-3 TEC-18024-3 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
18024-3 TEC-18024-3 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
18024-3 TEC-18024-3 Datasheet
333Kb / 4P
   Small Form-Factor Pluggable Cage Assembly Seating Tool
More results

Similar Description - 18024-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
114-13219 TEC-114-13219 Datasheet
1Mb / 10P
   Stacked Small Form-Factor Pluggable
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
logo
Source Photonics, Inc.
SPS-43-48H-CP-CDF-SD SOURCE-SPS-43-48H-CP-CDF-SD Datasheet
278Kb / 13P
   Small Form Factor Pluggable, Simple SC Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com