Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-110 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MF-110
Description  Commercial Telecom
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MF-110 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MF-110 Datasheet HTML 1Page - Laird Tech Smart Technology MF-110 Datasheet HTML 2Page - Laird Tech Smart Technology MF-110 Datasheet HTML 3Page - Laird Tech Smart Technology MF-110 Datasheet HTML 4Page - Laird Tech Smart Technology MF-110 Datasheet HTML 5Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Eccosorb®MF
Lossy, Magnetically Loaded, Machinable Stock
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
LOSSY, MAGNETICALLY LOADED, MACHINABLE STOCK
Eccosorb MF is a series of rigid magnetically loaded epoxy stock, which can be machined for
use as absorbers, attenuators and terminations in waveguides, coaxial or stripline
applications. With products such as these, it is necessary to be conversant with the dielectric
and magnetic properties of the materials, which are listed in this technical bulletin, the
values given are normalized with respect to free space, see Typical Electrical Properties
table.
FEATURES AND BENEFITS
Rigid
Machinable
MARKETS
Commercial Telecom
Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB MF
Frequency Range
>1 GHz
Service Temperature °C (°F)
<180 (<356)
Density g/cc
1.6 – 4.9
Hardness, Shore D
85
Tensile Strength (MPa)
55
Thermal Expansion per °C
~30 x 10
-6
Water Absorption, % 24 hours
<0.3
Thermal Conductivity W/mK
1.44
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
Eccosorb MF is widely used as absorbers, attenuators, and terminations in waveguides
and coaxial lines.
It has also been successfully used as a high-Q inductor-core material in such devices as
slug tuners. It is also useful in many other magnetic components.
Simple RF filters can be formed by passing filament leads through small blocks of Eccosorb
MF, or by casting appropriate sections of the material around such leads by using one of
the electrically equivalent castable absorbers.
There are also applications in antenna elements and in certain free-space absorbers.
For assistance in termination design, see Termination Design Considerations.


Similar Part No. - MF-110

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K0.5 WILLOW-MF-100T100100K0.5 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K1 WILLOW-MF-100T100100K1 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K5 WILLOW-MF-100T100100K5 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
logo
Mitsubishi Electric Sem...
MF-10KDS-R13-060 MITSUBISHI-MF-10KDS-R13-060 Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
More results

Similar Description - MF-110

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
   Telecom
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
   Telecom microcontroller
1998 Apr 20
logo
Micross Components
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
   Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
   Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
   Telecom Infrastructure
logo
Micross Components
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
   Telecom Infrastructure
logo
AIT Components Ltd.
EFD12 AITCOMPONENTS-EFD12 Datasheet
607Kb / 1P
   TELECOM TRANSFORMERS
logo
Micross Components
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
   Telecom Infrastructure
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com