Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2007 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FPF2007
Description  IntelliMAX??Advanced Load Management Products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2007 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF2007 Datasheet HTML 2Page - Fairchild Semiconductor FPF2007 Datasheet HTML 3Page - Fairchild Semiconductor FPF2007 Datasheet HTML 4Page - Fairchild Semiconductor FPF2007 Datasheet HTML 5Page - Fairchild Semiconductor FPF2007 Datasheet HTML 6Page - Fairchild Semiconductor FPF2007 Datasheet HTML 7Page - Fairchild Semiconductor FPF2007 Datasheet HTML 8Page - Fairchild Semiconductor FPF2007 Datasheet HTML 9Page - Fairchild Semiconductor FPF2007 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FPF2000-FPF2007 Rev. C1
Typical Characteristics
Description of Operation
The FPF2000-FPF2007 are current limited switches that protect
systems and loads which can be damaged or disrupted by the
application of high currents. The core of each device is a 0.7
P-channel MOSFET and a controller capable of functioning over
a wide input operating range of 1.8-5.5V. The controller protects
against system malfunctions through current limiting, under-
voltage lockout and thermal shutdown. The current limit is pre-
set for either 50mA or 100mA.
On/Off Control
The ON pin controls the state of the switch. Active HI and LO
versions are available. Refer to the Ordering Information for
details. Activating ON continuously holds the switch in the on
state so long as there is no fault. For all versions, an under-volt-
age on VIN or a junction temperature in excess of 150°C over-
rides the ON control to turn off the switch. In addition, excessive
currents will cause the switch to turn off in FPF2000-FPF2002
and FPF2004-FPF2007. The FPF2000, FPF2001, FPF2004
and FPF2005 have an Auto-Restart feature which will automati-
cally turn the switch on again after 80ms. For the FPF2002 and
FPF2006, the ON pin must be toggled to turn-on the switch
again. The FPF2003 and FPF2007 do not turn off in response
to a over current condition but instead remain operating in a
constant current mode so long as ON is active and the thermal
shutdown or under-voltage lockout have not activated.
Fault Reporting
Upon the detection of an over-current, an input under-voltage,
or an over-temperature condition, the FLAGB signals the fault
mode by activating LO. For the FPF2000-FPF2002 and
FPF2004-FPF2006, the FLAGB goes LO at the end of the
blanking time while FLAGB goes LO immediately for the
FPF2003 and FPF2007. FLAGB remains LO through the Auto-
Restart Time for the FPF2000, FPF2001 FPF2004 and
FPF2005. For the FPF2002 and FPF2006, FLAGB is latched
LO and ON must be toggled to release it. With the FPF2003 and
FPF2007, FLAGB is LO during the faults and immediately
returns HI at the end of the fault condition. FLAGB is an open-
drain MOSFET which requires a pull-up resistor between VIN
and FLAGB. During shutdown, the pull-down on FLAGB is dis-
abled to reduce current draw from the supply.
Current Limiting
The current limit ensures that the current through the switch
doesn’t exceed a maximum value while not limiting at less than
a minimum value. For the FPF2000-FPF2003 the minimum cur-
rent is 50mA and the maximum current is 100mA and for the
FPF2004-FPF2007 the minimum current is 100mA and the
maximum current is 200mA. The FPF2000-FPF2002 and the
FPF2004-FPF2006, have a blanking time of 10ms, nominally,
during which the switch will act as a constant current source. At
the end of the blanking time, the switch will be turned-off and
the FLAGB pin will activate to indicate that current limiting has
occurred. The FPF2003 and FPF2007 have no current limit
blanking period so immediately upon a current limit condition
FLAGB is activated. These parts will remain in a constant cur-
rent state until the ON pin is deactivated or the thermal shut-
down turns-off the switch.
Under-Voltage Lockout
The under-voltage lockout turns-off the switch if the input volt-
age drops below the under-voltage lockout threshold. With the
ON pin active the input voltage rising above the under-voltage
lockout threshold will cause a controlled turn-on of the switch
which limits current over-shoots.
Thermal Shutdown
The thermal shutdown protects the die from internally or exter-
nally generated excessive temperatures. During an over-tem-
perature condition the FLAGB is activated and the switch is
turned-off. The switch automatically turns-on again if tempera-
ture of the die drops below the threshold temperature.
Figure 19. Current-Limit Response Time
(Output to GND)
Figure 20. Current-Limit Response
VIN =VON
2V / DIV
IOUT
100mA / DIV
VIN
2V / DIV
VON
2V / DIV
IOUT
100mA / DIV
VOUT
(Shorted to
GND)
CIN = 10uF
COUT = 1uF
CIN = 1uF
COUT = 1uF
20uS/DIV
20uS/DIV


Similar Part No. - FPF2007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2007 FAIRCHILD-FPF2007 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2007 FAIRCHILD-FPF2007 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2007 FAIRCHILD-FPF2007 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2007 ONSEMI-FPF2007 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

Similar Description - FPF2007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com