Selected language     English  ▼


MAX9995 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX9995 dual, high-linearity, downconversion
mixer provides 6.1dB gain, +25.6dBm IIP3, and 9.8dB
NF for UMTS/WCDMA, DCS, and PCS base-station
applications. The MAX9995 is ideal for low-side LO
injection. (For a mixer variant optimized for high-side
LO injection, contact the factory.)
This device integrates baluns in the RF and LO ports, a
dual-input LO selectable switch, an LO buffer, two double-
balanced mixers, and a pair of differential IF output ampli-
fiers. The MAX9995 requires a typical LO drive of 0dBm
and supply current is guaranteed to be below 380mA.
These devices are available in a compact 36-pin thin
QFN package (6mm
× 6mm) with an exposed paddle.
Electrical performance is guaranteed over the extended
temperature range, from TC = -40°C to +85°C.
Applications
Features
♦ 1700MHz to 2200MHz RF Frequency Range
♦ 1400MHz to 2000MHz LO Frequency Range
(MAX9995)
♦ 1900MHz to 2400MHz LO Frequency Range
(Contact Factory)
♦ 40MHz to 350MHz IF Frequency Range
♦ 6.1dB Conversion Gain
♦ +25.6dBm Input IP3
♦ 9.8dB Noise Figure
♦ 66dBc 2RF–2LO Spurious Rejection at
PRF = -10dBm
♦ Dual Channels Ideal for Diversity Receiver
Applications
♦ Integrated LO Buffer
♦ Integrated RF and LO Baluns for Single-Ended
Inputs
♦ Low -3dBm to +3dBm LO Drive
♦ Built-In SPDT LO Switch with 50dB LO1–LO2
Isolation and 50ns Switching Time
♦ 44dB Channel-to-Channel Isolation
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
________________________________________________________________ Maxim Integrated Products
1
19-3383; Rev 0; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
cdma2000 is a registered trademark of Telecommunications
Industry Association.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX9995ETX
TC** = -40°C to +85°C 36 Thin QFN-EP*
MAX9995ETX-T
TC = -40°C to +85°C
36 Thin QFN-EP*
MAX9995ETX+D
TC = -40°C to +85°C
36 Thin QFN-EP*
lead free, bulk
MAX9995ETX+TD
TC = -40°C to +85°C
36 Thin QFN-EP*
lead free, T/R
*EP = Exposed pad.
**TC = Case temperature.
1
2
3
4
5
6
7
8
9
19
20
21
22
23
24
25
26
27
LO2
VCC
GND
VCC
GND
GND
TAPDIV
TAPMAIN
RFMAIN
RFDIV
EXPOSED
PADDLE
LO1
LOSEL
GND
GND
GND
GND
GND
VCC
MAX9995
EXPOSED PADDLE ON THE BOTTOM OF THE PACKAGE
6mm x 6mm THIN QFN (EXPOSED PADDLE)
TOP VIEW
Pin Configuration/
Functional Diagram
UMTS/WCDMA and
cdma2000® 3G Base
Stations
DCS1800 and EDGE
Base Stations
PCS1900 and EDGE
Base Stations
PHS/PAS Base Stations
Fixed Broadband
Wireless Access
Wireless Local Loop
Private Mobile Radio
Military Systems




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl