Selected language     English  ▼


MAX9995 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ........................................................................-0.3V to +5.5V
LO1, LO2 to GND ...............................................................±0.3V
IFM_, IFD_, IFM_SET, IFD_SET, LOSEL,
LO_ADJ_M, LO_ADJ_D to GND.............-0.3V to (VCC + 0.3V)
RFMAIN, RFDIV, and LO_ Input Power ..........................+20dBm
RFMAIN, RFDIV Current (RF is DC shorted to GND through
balun) ..................................................................................50mA
Continuous Power Dissipation (TA = +70°C)
36-Lead Thin QFN (derate 26mW/°C
above +70°C).............................................................2100mW
θJA .................................................................................+38°C/W
θJC ................................................................................+7.4°C/W
Operating Temperature Range (Note A) ....TC = -40°C to +85°C
Maximum Junction Temperature Range..........................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, no input RF or LO signals applied, VCC = 4.75V to 5.25V, TC = -40°C to +85°C. Typical values are at VCC
= 5.0V, TC = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5
5.25
V
Total supply current
332
380
VCC (pin 16)
82
90
VCC (pin 30)
97
110
IFM+/IFM- (total of both)
70
90
Supply Current
ICC
IFD+/IFD- (total of both)
70
90
mA
LOSEL Input High Voltage
VIH
2V
LOSEL Input Low Voltage
VIL
0.8
V
LOSEL Input Current
IIL and IIH
-10
+10
µA
AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50
Ω sources, PLO = -3dBm to +3dBm, fRF =
1700MHz to 2200MHz, fLO = 1400MHz to 2000MHz, fIF = 200MHz, with fRF > fLO, TC = -40°C to +85°C. Typical values are at VCC =
5.0V, PLO = 0dBm, fRF = 1900MHz, fLO = 1700MHz, fIF = 200MHz, and TC = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency
fRF
(Note 7)
1700
2200
MHz
(Note 7)
1400
2000
MHz
LO Frequency
fLO
(Contact factory) (Note 7)
1900
2400
MHz
IF Frequency
fIF
Meeting RF and LO frequency ranges;
IF matching components affect the IF
frequency range (Note 7)
40
350
MHz
fRF = 1710MHz to 1875MHz
6
fRF = 1850MHz to 1910MHz
6.2
Conversion Gain
GC
fRF = 2110MHz to 2170MHz
6.1
dB
Note A: TC is the temperature on the exposed paddle of the package.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl