Electronic Components Datasheet Search
Selected language     English  ▼


MAX9995 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50
Ω sources, PLO = -3dBm to +3dBm, fRF =
1700MHz to 2200MHz, fLO = 1400MHz to 2000MHz, fIF = 200MHz, with fRF > fLO, TC = -40°C to +85°C. Typical values are at VCC =
5.0V, PLO = 0dBm, fRF = 1900MHz, fLO = 1700MHz, fIF = 200MHz, and TC = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fRF = 1710MHz to 1875MHz
±0.5
±1
fRF = 1850MHz to 1910MHz
±0.5
±1
Gain Variation from Nominal
VCC = 5.0V,
TC = +25°C,
PLO = 0dBm,
PRF = -10dBm
(Note 3)
fRF = 2110MHz to 2170MHz
±0.5
±1
dB
Gain Variation with Temperature
±0.75
dB
fRF = 1710MHz to 1875MHz
9.7
fRF = 1850MHz to 1910MHz
9.8
Noise Figure
NF
No blockers
present
fRF = 2110MHz to 2170MHz
9.9
dB
Noise Figure (with Blocker)
8dBm blocker tone applied to RF port at
2000MHz, fRF = 1900MHz, fLO = 1710MHz,
PLO = -3dBm
22
dB
Input 1dB Compression Point
P1dB
(Note 3)
9.5
12.6
dBm
Input Third-Order Intercept Point
IIP3
(Notes 3, 4)
23
25.6
dBm
PRF = -10dBm
66
2RF-2LO Spur Rejection
2 x 2
fRF = 1900MHz,
fLO = 1700MHz,
fSPUR = 1800MHz (Note 3)
PRF = -5dBm
61
dBc
PRF = -10dBm
70
88
3RF-3LO Spur Rejection
3 x 3
fRF = 1900MHz,
fLO = 1700MHz,
fSPUR = 1766.7MHz (Note 3)
PRF = -5dBm
60
78
dBc
Maximum LO Leakage at RF Port
fLO = 1400MHz to 2000MHz
-29
dBm
Maximum 2LO Leakage at RF PortfLO = 1400MHz to 2000MHz
-17
dBm
Maximum LO Leakage at IF Port
fLO = 1400MHz to 2000MHz
-25
dBm
Minimum RF to IF Isolation
fRF = 1700MHz to 2200MHz, fIF = 200MHz
37
dB
LO1-LO2 Isolation
PLO1 = 0dBm, PLO2 = 0dBm (Note 5)
40
50.5
dB
Minimum Channel-to-Channel
Isolation
PRF = -10dBm, RFMAIN (RFDIV)
power measured at IFDIV (IFMAIN),
relative to IFMAIN (IFDIV),
all unused parts terminated at 50
40
44
dB
LO Switching Time
50% of LOSEL to IF settled to within 2°
50
ns
RF Return Loss
14
dB
LO port selected
18
LO Return Loss
LO port unselected
21
dB
IF Return Loss
LO driven at 0dBm, RF terminated into 50
21
dB
Note 1: Guaranteed by design and characterization.
Note 2: All limits reflect losses of external components. Output measurements taken at IF outputs of Typical Application Circuit.
Note 3: Production tested.
Note 4: Two tones 3MHz spacing, -5dBm per tone at RF port.
Note 5: Measured at IF port at IF frequency. fLO1 and fLO2 are offset by 1MHz.
Note 6: IF return loss can be optimized by external matching components.
Note 7: Operation outside this frequency band is possible but has not been characterized. See the Typical Operating Characteristics.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl