Electronic Components Datasheet Search
Selected language     English  ▼


MAX9995 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
4
_______________________________________________________________________________________
CONVERSION GAIN vs. RF FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
3.0
1700
2200
TC = -20
°C
TC = +85
°C
TC = +25
°C
CONVERSION GAIN vs. RF FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
5.5
1700
2200
PLO = -3dBm to +3dBm
CONVERSION GAIN vs. RF FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
5.5
1700
2200
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
INPUT IP3 vs. RF FREQUENCY
24.8
25.2
25.6
26.0
26.4
26.8
24.4
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = +85
°C
TC = -20
°C
TC = +25
°C
2RF - 2LO vs. FUNDAMENTAL FREQUENCY
35
40
45
50
55
60
65
70
75
30
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = +85
°C
TC = +25
°C
TC = -20
°C
PRF = -5dBm
25.4
25.6
25.8
26.0
26.2
26.4
26.6
25.2
INPUT IP3 vs. RF FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = 0dBm
PLO = +3dBm
PLO = -3dBm
INPUT IP3 vs. RF FREQUENCY
25.0
25.4
25.8
26.2
26.6
27.0
24.6
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 5.25V
VCC = 4.75V
VCC = 5.0V
52
54
56
58
62
60
64
66
50
2RF - 2LO vs. FUNDAMENTAL FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = -3dBm
PLO = +3dBm
PLO = 0dBm
PRF = -5dBm
52
54
56
58
62
60
64
66
50
2RF - 2LO vs. FUNDAMENTAL FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
PRF = -5dBm
Typical Operating Characteristics
(Typical Application Circuit, VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, LO is low-side injected for a 200MHz IF, TC = +25°C.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl