Electronic Components Datasheet Search
Selected language     English  ▼


MAX9995 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
5
72
74
76
78
80
82
84
86
88
90
70
3RF - 3LO vs. FUNDAMENTAL FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = -20
°C
TC = +25
°C
TC = +85
°C
PRF = -5dBm
74
76
78
80
84
82
86
88
72
3RF - 3LO vs. FUNDAMENTAL FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
PRF = -5dBm
74
76
78
80
84
82
86
88
72
3RF - 3LO vs. FUNDAMENTAL FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 5.0V
VCC = 5.25V
VCC = 4.75V
PRF = -5dBm
INPUT P1dB vs. RF FREQUENCY
12.8
13.2
13.6
14.0
14.4
12.4
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = +25
°C
TC = +85
°C
TC = -20
°C
LO SWITCH ISOLATION vs. LO FREQUENCY
FREQUENCY (MHz)
1900
1800
1700
1600
1500
46
47
48
49
50
51
52
53
54
55
45
1400
2000
TC = -20
°C
TC = +25
°C
TC = +85
°C
13.0
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
12.9
INPUT P1dB vs. RF FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = 0dBm
PLO = -3dBm
PLO = +3dBm
12.6
12.8
13.0
13.2
13.4
13.6
13.8
14.0
14.2
14.4
12.4
INPUT P1dB vs. RF FREQUENCY
FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 5.25V
VCC = 4.75V
VCC = 5.0V
48
49
50
51
52
53
54
47
LO SWITCH ISOLATION vs. LO FREQUENCY
FREQUENCY (MHz)
1900
1800
1700
1600
1500
1400
2000
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
48
49
50
51
52
53
54
47
LO SWITCH ISOLATION vs. LO FREQUENCY
FREQUENCY (MHz)
1900
1800
1700
1600
1500
1400
2000
VCC = 4.75V TO 5.25V
Typical Operating Characteristics (continued)
(Typical Application Circuit, VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, LO is low-side injected for a 200MHz IF, TC = +25°C.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl