Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3122AA1BN Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSSC3122AA1BN
Description  Low-Voltage Capacitive Sensor Signal Conditioner
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AA1BN Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSSC3122AA1BN Datasheet HTML 7Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 8Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 9Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 10Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 11Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 12Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 13Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 14Page - Integrated Device Technology ZSSC3122AA1BN Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 25, 2016
1.4
Current Consumption Graphs
Part current consumption depends on a number of different factors including voltage, temperature, capacitive
input, resolution, and power down time. The best way to calculate the ZSSC3122’s power consumption is to
measure the current consumption with the actual setup. If measurement is not possible, then the graphs in this
section can provide a starting point for estimating the current consumption.
1.4.1
Update Mode Current Consumption
Figure 1.1
Best Case Settings (Typical Part)
Figure 1.2
Worst Case Settings (Typical Part)
* Parameter not within required temperature specifications (-40°C)
* Parameter not within required temperature specifications (-40°C)
1.4.2
Sleep Mode Current Consumption
Figure 1.3
Typical Current Consumption during Sleep Mode (No Measurements)
* Parameter not within required temperature specifications (-40°C)


Similar Part No. - ZSSC3122AA1BN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3122AA1BN RENESAS-ZSSC3122AA1BN Datasheet
1Mb / 59P
   cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
More results

Similar Description - ZSSC3122AA1BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
   Low Voltage Capacitive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
   Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3122 RENESAS-ZSSC3122 Datasheet
1Mb / 59P
   cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
   cLite??Capacitive Sensor Signal Conditioner
ZSSC3123 RENESAS-ZSSC3123_V01 Datasheet
1Mb / 62P
   cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com