Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3136BE1C Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC3136BE1C
Description  Sensor Signal Conditioner for Safety Switch Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136BE1C Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC3136BE1C Datasheet HTML 4Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 5Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 6Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 7Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 8Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 9Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 10Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 11Page - Integrated Device Technology ZSSC3136BE1C Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 22, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7. System Response
1.3.7.1
Startup time
1) 3)
(To 1
st output, ROM check
disabled)
tSTARTUP
1-step ADC, fOSC=3MHz
rADC=14bit)
35
ms
1.3.7.2
Response time
1)
(100% input step; refer to
Table 2.2)
tRESPONSE
1-step ADC, fOSC=4MHz,
rADC=13bit
8.7
13.1
17.4
ms
1.3.7.3
Bandwidth
1)
(In comparison to an
equivalent analog SSC.
Refer to Table 2.2)
BW
1-step ADC
200
Hz
1.3.7.4
Analog output noise
peak-to-peak
1)
VNOISE_PP
Shorted inputs
bandwidth
≤ 10kHz
10
mV
1.3.7.5
Analog output noise
RMS
1)
VNOISE_RMS
Shorted inputs
bandwidth
≤ 10kHz
3
mV
1.3.7.6
Ratiometricity error
RE
Maximum error for
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.7.7
Overall failure
Deviation from ideal line
including INL, gain, offset
and temperature errors.
No sensor-caused effects.
Failure for digital readout
shown in parenthesis.
FOVERALL_TQI
fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQI
0.25
(0.1)
% FS
FOVERALL_TQA fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQA
0.5
(0.25)
% FS
FOVERALL_TQE fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQE
1.0
(0.5)
% FS
1)
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
2)
Minimum output voltage to VDDE or maximum output voltage to VSSE.
3)
Depends on resolution and configuration. Start routine begins approximately 0.8ms after power on.


Similar Part No. - ZSSC3136BE1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3136 RENESAS-ZSSC3136 Datasheet
607Kb / 25P
   Sensor Signal Conditioner for Safety Switch Applications
January 22, 2016
More results

Similar Description - ZSSC3136BE1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3136 RENESAS-ZSSC3136 Datasheet
607Kb / 25P
   Sensor Signal Conditioner for Safety Switch Applications
January 22, 2016
logo
Integrated Device Techn...
ZSSC3131 IDT-ZSSC3131 Datasheet
263Kb / 23P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
logo
Renesas Technology Corp
ZSSC3131 RENESAS-ZSSC3131 Datasheet
437Kb / 24P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
logo
Integrated Device Techn...
ZSSC3138 IDT-ZSSC3138 Datasheet
279Kb / 25P
   Sensor Signal Conditioner for Ceramic Sensor Applications
logo
Renesas Technology Corp
ZSSC3138 RENESAS-ZSSC3138 Datasheet
424Kb / 26P
   Sensor Signal Conditioner for Ceramic Sensor Applications
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com