Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3036CI1C Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSSC3036CI1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3036CI1C Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSSC3036CI1C Datasheet HTML 3Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 4Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 5Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 6Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 7Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 8Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 9Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 10Page - Integrated Device Technology ZSSC3036CI1C Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ZSSC3036 Datasheet
© 2016 Integrated Device Technology, Inc.
7
April 20, 2016
A dynamic power-on-reset circuit is implemented in order to achieve minimum current consumption in idle mode.
The VDD low level and the subsequent rise time and VDD rising slope must meet the requirements in Table 1.1 to
guarantee an overall IC reset; lower VDD low levels allow slower rising of the subsequent on-ramp of VDD. Other
combinations might also be possible. For example, the reset trigger can be influenced by increasing the power-
down time and lowering the VDD rising slope requirement.
Table 1.3
Requirements for VDD Power-on Reset
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Down Time (duration of VDD Low Level)
tSPIKE
3
-
-
µs
VDD Low Level
VDDlow
0
-
0.2
V
VDD Rising Slope
SRVDD
10
-
-
V/ms
1.3.
Electrical Parameters
All parameter values are valid only under the specified operating conditions. All voltages are referenced to Vss.
Table 1.4
Electrical Parameters
Note: See important table notes at the end of the table.
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Supply
Bridge Supply Voltage,
ADC Reference Voltage
VDDB
Internally generated
1.60
1.67
1.74
V
Current Consumption
IVDD
Active State, average
900
1500
µA
Sleep State, idle current,
≤ 85°C
20
250
nA
Sleep State, idle current,
≤110°C
50
950
nA
Power Supply Rejection
20·log10(VDD/VDDB)
(see section 1.4)
PSRVDD
VDD = 1.8V
17
dB
VDD = 2V
32
dB
Memory Program Voltage
VDD,prog
Required voltage level at VDD pin
2.9
3.6
V
Mean Program Current
IVDD,prog
Mean current consumption during
MTP programming cycle at VDD
6
mA
Peak Program Current
Iprog,max
MTP programming at VDD pin,
dynamic switch-on current draw
20
mA


Similar Part No. - ZSSC3036CI1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3036CI1C RENESAS-ZSSC3036CI1C Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3036CI1CH ETC2-ZSSC3036CI1CH Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036CI1CH RENESAS-ZSSC3036CI1CH Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3036CI1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com