Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC240.241D Datasheet(PDF) 9 Page - PULS GmbH

Part # PIC240.241D
Description  24V, 10A, SINGLE PHASE INPUT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIC240.241D Datasheet(HTML) 9 Page - PULS GmbH

Back Button PIC240.241D Datasheet HTML 5Page - PULS GmbH PIC240.241D Datasheet HTML 6Page - PULS GmbH PIC240.241D Datasheet HTML 7Page - PULS GmbH PIC240.241D Datasheet HTML 8Page - PULS GmbH PIC240.241D Datasheet HTML 9Page - PULS GmbH PIC240.241D Datasheet HTML 10Page - PULS GmbH PIC240.241D Datasheet HTML 11Page - PULS GmbH PIC240.241D Datasheet HTML 12Page - PULS GmbH PIC240.241D Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PIC240.241D
PIANO-Series
24V, 10A, SINGLE PHASE INPUT
10. LIFETIME EXPECTANCY AND MTBF
AC 100V
AC 120V
AC 230V
Lifetime expectancy*)
89 000h
93 000h
103 000h
at 24V, 5A and 40°C
252 000h*)
262 000h*)
291 000h*)
at 24V, 5A and 25°C
47 000h
55 000h
74 000h
at 24V, 10A and 40°C
133 000h*)
156 000h*)
209 000h*)
at 24V, 10A and 25°C
MTBF**) SN 29500, IEC 61709
655 000h
736 000h
822 000h
at 24V, 10A and 40°C
1 149 000h
1 267 000h
1 391 000h
at 24V, 10A and 25°C
MTBF**) MIL HDBK 217F
323 000h
345 000h
374 000h
at 24V, 10A and 40°C; Ground Benign GB40
441 000h
471 000h
508 000h
at 24V, 10A and 25°C; Ground Benign GB25
72 000h
78 000h
85 000h
at 24V, 10A and 40°C; Ground Fixed GF40
94 000h
101 000h
111 000h
at 24V, 10A and 25°C; Ground Fixed GF25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
11. FUNCTIONAL DIAGRAM
Fig. 11-1 Functional diagram PIC240.241D
+
+
-
-
Output
Over-
Voltage
Protection
PFC
Converter
Output
Voltage
Regulator
Power
Converter
Output
Filter
Temper-
ature
Shut-
down
Input Fuse
Input Filter
Input Rectifier
Inrush Current Limiter
V
OUT
L
N
DC-ok
Contact
DC-ok
LED
DC-ok
Relay
Feb. 2017 / Rev. 1.4 DS-PIC240.241D-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/21


Similar Part No. - PIC240.241D

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
More results

Similar Description - PIC240.241D

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
   24V, 10A, SINGLE PHASE INPUT
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CT10.241 PULS-CT10.241 Datasheet
703Kb / 22P
   24V, 10A, THREE PHASE INPUT
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com