Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT730 Datasheet(PDF) 10 Page - Laird Tech Smart Technology

Part # BT730
Description  module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BT730 Datasheet(HTML) 10 Page - Laird Tech Smart Technology

Back Button BT730 Datasheet HTML 6Page - Laird Tech Smart Technology BT730 Datasheet HTML 7Page - Laird Tech Smart Technology BT730 Datasheet HTML 8Page - Laird Tech Smart Technology BT730 Datasheet HTML 9Page - Laird Tech Smart Technology BT730 Datasheet HTML 10Page - Laird Tech Smart Technology BT730 Datasheet HTML 11Page - Laird Tech Smart Technology BT730 Datasheet HTML 12Page - Laird Tech Smart Technology BT730 Datasheet HTML 13Page - Laird Tech Smart Technology BT730 Datasheet HTML 14Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
BT730
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
10
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Notes:
1. Unused pins may have internal connections and must not be connected.
2. Pins 2, 6, 32, and 33 (SPI related) are only for Laird internal production purposes.
3. Power-on-reset (power cycling and brown out consideration) – The reset circuitry within the BT730
module incorporates a brown-out detector; this may simplify power supply design. The BT730 reset
line is an active low input (Input debounced so must be low for more than 5 ms to cause a reset).
Upon the application of power, the Power On Reset circuit built into the module ensures that the unit
starts correctly. There is no need for an external power reset monitor.
4. Power Supply Consideration – The power supply for the module should be a single voltage source of
VCC within the VCC_IN range of 3.3 V to 5.0 V. It must be able to provide sufficient current in a
transmit burst. This can rise to 200 mA. To limit dissipation it is recommended that you use a voltage
at the lower end of the range.
5. The module includes regulators to provide internal local 3.3 V. This rail is accessible on pin 13 for
monitoring purposes only. Under no circumstances should this pin be used to source current.
2.2.1 COMPATIBILITY NOTE FOR LEGACY DEVICES
If Reset compatibility is required with BTM402 and BTM404: Reset logic must be inverted (on the host PCB), by
using suitable BJT (MMBT3904) with collector connected to Reset pin BT730 module pin 5. A fixed 10k Ohm pull
down resistor to ground (BJT input) then ensures that the BT730 module is out of reset for the condition when
host has yet to control the reset line.
Add a 10 k pull-up to the host PCB on the UART_RX, or the module remains in deep sleep if not driven to high.
Add a 10 k pull-down to the host PCB on the UART_CTS that if it is not connected (which we do not recommend)
then the default state for UART_CTS input will be asserted which means can send data out of UART_TX line.
GPIO lines can be configured through software to be either inputs or outputs with weak or strong pull-ups
or pull-downs. At reset, all GPIO lines are configured as inputs with weak pull-downs.
UART_RX, UART_TX, UART_CTS, UART_RTS, UART_RI, UART_DCD, and UART_DSR are 3.3 V level logic. For
example, when RX and TX are idle they sit at 3.3 V. Conversely, for handshaking pins CTS, RTS, RI, DCD, and
DSR, a 0 V is treated as an assertion.
Pin 28 (UART_RI) is active low. It is normally 3.3 V. When a remote device initiates a connection, this pin
goes low. When this pin is converted to RS232 voltage levels, it has the correct voltage level for assertion.
Pin 17 (UART_DCD) is active low. It is normally 3.3 V. When a connection is live, this pin is low. This means
that when this pin is converted to RS232 voltage levels it has the correct voltage level for assertion.
Pin 16 (UART_DSR) is an input, with active low logic. It should be connected to the DTR output of the host.
When the BTM730 module is in high speed mode (see S Register 507 in the Firmware User manual), this pin
should be asserted by the host to ensure that the connection is maintained. A deassertion means that the
connection should be dropped or an online command mode is being requested.
Pin 13 (VCC_3V3 monitor) may only be used for monitoring (must not be used as a current source).
The GPIO pins can be accessed using S Registers 623 to 629.
GPIO3 is also used for DTR output (active low). See S Register 552 and 553 in the Firmware User manual.
Analogue 0 and 1 should not exceed 1.8 V and S Registers 701 and 702 are used to access them.


Similar Part No. - BT730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
BT730-SA ETC2-BT730-SA Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
BT730-SC ETC2-BT730-SC Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
More results

Similar Description - BT730

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BTM430 LSTD-BTM430 Datasheet
1Mb / 25P
   modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
   modules from Laird are designed to meet the needs of developers who wish to add robust
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
logo
Guangdong Youtai Semico...
ESD7504 UMW-ESD7504 Datasheet
354Kb / 4P
   The ESD7504 surge protection is designed to protect high speed data lines from ESD.
logo
Murata Manufacturing Co...
NFZ2HBM240SN10 MURATA1-NFZ2HBM240SN10_V01 Datasheet
272Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM8R4SN10 MURATA1-NFZ2HBM8R4SN10_V01 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM110SN10 MURATA1-NFZ2HBM110SN10_V01 Datasheet
266Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
NFZ2HBM1R5SN10 MURATA1-NFZ2HBM1R5SN10_V01 Datasheet
267Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM330SN10 MURATA1-NFZ2HBM330SN10_V01 Datasheet
265Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM4R4SN10 MURATA1-NFZ2HBM4R4SN10_V01 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com