Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT730-SC Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # BT730-SC
Description  module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BT730-SC Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button BT730-SC Datasheet HTML 5Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 6Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 7Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 8Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 9Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 10Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 11Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 12Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
BT730
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
9
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2.2
Pin Definitions
Table 2-1: Pin definitions
Pin
Signal
Description
Comment
1
GND
2
SPI_MOSI
SPI bus serial I/P
See Note 2
3
GPIO6
I/O for host
4
GPIO7
I/O for host
5
nRESET
Module reset I/P
See Note 3
6
SPI_CLK
SPI bus clock I/P
See Note 2
7
PCM_CLK
PCM clock I/P
8
PCM_SYNC
PCM sync I/P
9
PCM_IN
PCM data I/P
10
PCM_OUT
PCM Data O/P
11
VCC_IN
3.3 V < VCC_IN < 5.0 V
See Note 4
12
GND
13
VCC_3V3_monitor
3.3 V Monitor (do not connect)
See Note 5
14
Analogue 1
1.8 V max
15
GND
16
UART_DSR
UART_DSR I/P
17
UART_DCD
UART_DCD I/P or O/ P
18
GPIO_9
I/O for host
19
GPIO_8
I/O for host
20
GND
21
Analogue 0
1.8 V max
22
UART_RX
Receive data I/P
23
UART_TX
Transmit data O/P
24
UART_RTS
Request to Send O/P
25
UART_CTS
Clear to Send I/P
26
NC (Reserved USB_D+)
Not used for AT module variants
27
NC (Reserved USB_D-)
Not used for AT module variants
28
UART_RI
Ring Input or Output
29
GPIO_3/UART_DTR
I/O for host/UART_DTR
30
GPIO_5
I/O for host
31
GPIO_4
I/O for host
32
SPI_CSB
SPI bus chip select I/P
See Note 2
33
SPI_MISO
SPI bus serial O/P
See Note 2


Similar Part No. - BT730-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT730-SC ETC2-BT730-SC Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
More results

Similar Description - BT730-SC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BTM430 LSTD-BTM430 Datasheet
1Mb / 25P
   modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
   modules from Laird are designed to meet the needs of developers who wish to add robust
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
logo
Guangdong Youtai Semico...
ESD7504 UMW-ESD7504 Datasheet
354Kb / 4P
   The ESD7504 surge protection is designed to protect high speed data lines from ESD.
logo
Murata Manufacturing Co...
NFZ2HBM240SN10 MURATA1-NFZ2HBM240SN10_V01 Datasheet
272Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM8R4SN10 MURATA1-NFZ2HBM8R4SN10_V01 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM110SN10 MURATA1-NFZ2HBM110SN10_V01 Datasheet
266Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
NFZ2HBM1R5SN10 MURATA1-NFZ2HBM1R5SN10_V01 Datasheet
267Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM330SN10 MURATA1-NFZ2HBM330SN10_V01 Datasheet
265Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM4R4SN10 MURATA1-NFZ2HBM4R4SN10_V01 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com