Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7502MSA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7502MSA
Description  Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7502MSA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7502MSA Datasheet HTML 1Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 2Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 3Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 4Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 5Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 6Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 7Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 8Page - Maxim Integrated Products MAX7502MSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Digital Temperature Sensors and Thermal
Watchdog with Bus Lockup Protection
_______________________________________________________________________________________
3
Note 4:
All parts operate properly over the +VS = 3V to 5V supply voltage range. The devices are tested and specified for rated
accuracy at their nominal supply voltage. Accuracy typically degrades 1°C per volt of change in +VS as it varies from the
nominal value.
Note 5:
All parameters are measured at +25°C. Values over the temperature range are guaranteed by design.
Note 6:
This specification indicates how often temperature data is updated. The devices can be read at any time without regard
to conversion state, while yielding the last conversion result.
Note 7:
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy due to internal heating.
Note 8:
OS delay is user programmable up to six “over-limit” conversions before OS is set to minimize false tripping in noisy
environments.
Note 9:
Default values set at power-up.
Note 10:
All timing specifications are guaranteed by design.
Note 11:
A master device must provide a hold time of at least 300ns for the SDA signal to bridge the undefined region of SCL’s
falling edge.
Note 12:
CB = total capacitance of one bus line in pF. Tested with CB = 400pF.
Note 13:
Input filters on SDA, SCL, and A_ suppress noise spikes less than 50ns.
Note 14:
Holding the SDA line low for a time greater than tTIMEOUT causes the devices to reset SDA to the IDLE state of the serial
bus communication (SDA set high).
ELECTRICAL CHARACTERISTICS (continued)
(+VS = +3.0V to +5.5V, TA = -55
°C to +125°C, unless otherwise noted. Typical values are at +VS = +5V, TA = +25°C.) (Notes 4, 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I
2C-COMPATIBLE TIMING (Note 10)
Serial Clock Frequency
fSCL
Bus timeout inactive
DC
400
kHz
Minimum RESET Pulse Width
1
µs
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
START Condition Hold Time
tHD:STA
0.6
µs
STOP Condition Setup Time
tSU:STO
90% of SCL to 10% of SDA
100
ns
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
START Condition Setup Time
tSU:STA
90% of SCL to 90% of SDA
100
ns
Data Setup Time
tSU:DAT
10% of SDA to 10% of SCL
100
ns
Data Hold Time
tHD:DAT
10% of SCL to 10% of SDA (Note 11)
0
0.9
µs
Maximum Receive SCL/SDA Rise
Time
tR
300
ns
Minimum Receive SCL/SDA Rise
Time
tR
(Note 12)
20 +
0.1 x
CB
ns
Maximum Receive SCL/SDA Fall
Time
tF
300
ns
Minimum Receive SCL/SDA Fall
Time
tF
(Note 12)
20 +
0.1 x
CB
ns
Transmit SDA Fall Time
tF
(Note 12)
20 +
0.1 x
CB
250
ns
Pulse Width of Suppressed Spike
tSP
(Note 13)
0
50
ns
SDA Time Low for Reset of Serial
Interface
tTIMEOUT
(Note 14)
150
300
ms


Similar Part No. - MAX7502MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX750A MAXIM-MAX750A Datasheet
206Kb / 16P
   Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
MAX750A-MAX758A MAXIM-MAX750A-MAX758A Datasheet
206Kb / 16P
   Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
More results

Similar Description - MAX7502MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com