Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT820 Datasheet(PDF) 8 Page - Laird Tech Smart Technology

Part # BT820
Description  Dual-Mode USB HCI Module
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BT820 Datasheet(HTML) 8 Page - Laird Tech Smart Technology

Back Button BT820 Datasheet HTML 4Page - Laird Tech Smart Technology BT820 Datasheet HTML 5Page - Laird Tech Smart Technology BT820 Datasheet HTML 6Page - Laird Tech Smart Technology BT820 Datasheet HTML 7Page - Laird Tech Smart Technology BT820 Datasheet HTML 8Page - Laird Tech Smart Technology BT820 Datasheet HTML 9Page - Laird Tech Smart Technology BT820 Datasheet HTML 10Page - Laird Tech Smart Technology BT820 Datasheet HTML 11Page - Laird Tech Smart Technology BT820 Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
BT800
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
8
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
#
Pin Name
I/O
Supply
Domain
Description
If Unused
20
PCM_CLK/
SPI_CLK/
PIO24
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
PCM synchronous data clock
SPI clock
Programmable input/output line
*See Note 1.
NC
21
PCM_IN/
SPI_MOSI/
PIO21
Input, tri-state,
with weak
internal pull-
down
VDD_PADS
PCM synchronous data input
SPI data input
Programmable input/output line
*See Note 1.
NC
22
PCM_OUT/
SPI_MISO/
PIO22
Output, tri-state,
with weak
internal pull-
down
VDD_PADS
PCM synchronous data output
SPI data output
Programmable input/output line
*See Note 1.
NC
23
PIO0/
WLAN_ACTIVE
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line
NC
24
GND
GND
-
Ground
GND
25
PIO1/
BT_PIRORITY
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line
NC
26
PIO2/
BT_ACTIVE
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line
NC
27
VDD_PADS
Power supply
(1.7V-3.6V)
Positive supply for digital I/O pads
N/A
28
PIO5
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line
NC
Pin Definition Note:
Note 1
The purpose of the SPI interface is to access the module’s inner settings such as selecting different
WLAN CO-EXIST scheme and enabling HID proxy mode. The SPI interface can also be used to put the
module in RF test mode. You cannot use the module over the SPI interface for normal operation as
the main host interface.
6 DC ELECTRICAL CHARACTERISTICS
Table 3: Absolute maximum ratings
Rating
Min
Max
Unit
Storage temperature
-40
+85
⁰C
VREG_IN_USB
-0.2
5.75
V
VREG_IN_HV
-0.2
4.9
V


Similar Part No. - BT820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT820 ETC2-BT820 Datasheet
131Kb / 2P
   Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
More results

Similar Description - BT820

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BT850 LSTD-BT850 Datasheet
2Mb / 34P
   Bluetooth v5 Dual-Mode USB HCI Module
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
logo
List of Unclassifed Man...
WT21 ETC2-WT21_13 Datasheet
1Mb / 57P
   BLUETOOTH HCI MODULE
logo
Panasonic Semiconductor
PAN1315 PANASONIC-PAN1315 Datasheet
639Kb / 2P
   BLUETOOTH HCI MODULE
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
   Bluetooth짰 HCI Module
logo
Panasonic Semiconductor
PAN1310-HCI-2.1 PANASONIC-PAN1310-HCI-2.1 Datasheet
358Kb / 2P
   Bluetooth V2.1 HCI Module
logo
List of Unclassifed Man...
BT111 ETC2-BT111 Datasheet
1Mb / 54P
   Bluetooth Smart Ready HCI Module
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
   Bluetooth® Smart Ready HCI Module
Version 1.27
logo
Texas Instruments
CC2564MODN TI1-CC2564MODN Datasheet
16Mb / 62P
[Old version datasheet]   Bluetooth Host Controller Interface (HCI) Module
logo
List of Unclassifed Man...
BT800_SERIES ETC2-BT800_SERIES Datasheet
131Kb / 2P
   Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com