Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM410 Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # BTM410
Description  modules from Laird are designed to meet the needs of developers who wish to add robust
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM410 Datasheet(HTML) 6 Page - Laird Tech Smart Technology

Back Button BTM410 Datasheet HTML 2Page - Laird Tech Smart Technology BTM410 Datasheet HTML 3Page - Laird Tech Smart Technology BTM410 Datasheet HTML 4Page - Laird Tech Smart Technology BTM410 Datasheet HTML 5Page - Laird Tech Smart Technology BTM410 Datasheet HTML 6Page - Laird Tech Smart Technology BTM410 Datasheet HTML 7Page - Laird Tech Smart Technology BTM410 Datasheet HTML 8Page - Laird Tech Smart Technology BTM410 Datasheet HTML 9Page - Laird Tech Smart Technology BTM410 Datasheet HTML 10Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
BTM410/411
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions
Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
6
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Categories
Feature
Implementation
PCM Interface
Configurable as master or slave
8 bit A-law
8 bit μ-law
13 bit linear
PCM Clock available when in slave mode
Protocols And
Firmware
Bluetooth Stack
Version 2.1 compliant. Fully integrated.
Profiles
GAP (Generic Access Profile)
SDP (Service Discovery Profile)
SPP (Serial Port Profile)
Firmware Upgrade
Available over UART
Connection Modes
Point to point (cable replacement)
Command Interface
AT Instructions set
Comprehensive control of connection
and module operation S Registers for
non-volatile storage of parameters
Current Consumption
Data Transfer
Typically 32 mA
Note: For an Absolute Current Ratings
summary, see Table 2-6.
Low Power Sniff Mode
Less than 2.5mA
Supply Voltage
Supply
3.0 V – 3.3 V DC
I/O
1.7 V – 3.3 V DC (independent of Supply)
USB & UART
1.7 V – 3.6 V DC (independent of Supply)
Coexistence/
Compatibility
WLAN (802.11)
2-wire and 3-wire hardware coexistence
schemes supported
Connections
Interface
Surface Mount Pads
External Antenna
(BTM410)
Pad for 50 Ohm antenna
Physical
Dimensions
12.5 mm x 18.0 mm x 3.4 mm BTM410
12.5 mm x 22.0 mm x 3.4 mm BTM411
Weight
3 grams
Environmental
Operating Temperature
-40° C to +85° C
Storage Temperature
-40° C to +85° C
Approvals
Bluetooth
Qualified as an Bluetooth End product
FCC
Limited Modular Approval (BTM410)
Full Modular Approval (BTM411)
CE & R&TTE
Meets CE and R&TTE requirements
Miscellaneous
Lead free
Lead-free and RoHS compliant
Warranty
1-Year Warranty
Development Tools
Development Kit
Development board and software tools
DVK-BTM410 Dev Kit with BTM410 module
DVK-BTM411 Dev Kit with BTM411 module


Similar Part No. - BTM410

ManufacturerPart #DatasheetDescription
logo
BUDDIES TECHNOLOGY LIMI...
BTM41 BUDDIES-BTM41 Datasheet
881Kb / 18P
   Bluetooth Module
logo
Laird Tech Smart Techno...
BTM41X LSTD-BTM41X Datasheet
2Mb / 40P
   Low power consumption presents a major challenge for wireless devices
More results

Similar Description - BTM410

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BTM430 LSTD-BTM430 Datasheet
1Mb / 25P
   modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
BT730 LSTD-BT730 Datasheet
1Mb / 31P
   module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
List of Unclassifed Man...
FS-B3510-01 ETC-FS-B3510-01 Datasheet
91Kb / 1P
   The FS-B3510 is one of the FS-X30 Series FieldServers designed to meet the needs of system integrators in designing a complete interoperable system.
logo
Allegro MicroSystems
A8731 ALLEGRO-A8731 Datasheet
466Kb / 16P
   The Allegro A8731 Xenon photoflash charger IC is designed to meet the needs of ultra-low power, small form factor cameras, particularly camera-phones.
logo
IQD Frequency Products ...
IQCM-EV IQD-IQCM-EV Datasheet
682Kb / 1P
   Designed to allow simplified testing and evaluation of the clock modules
logo
Bothhand USA, LP.
24STS05-LF BOTHHAND-24STS05-LF Datasheet
157Kb / 2P
   Designed to meet IEEE802.3u requirement
logo
JMK Inc.
0681 JMK-0681 Datasheet
187Kb / 1P
   The 0681 Series Filters are designed to be used with switching power supplies, required to meet the emission specifications of VDE level "B"||" "321566
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/10
logo
Littelfuse
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com