Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91154PFV-G Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB91154PFV-G
Description  32-bit Proprietary Microcontrollers
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91154PFV-G Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB91154PFV-G Datasheet HTML 2Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 3Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 4Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 5Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 6Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 7Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 8Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 9Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
MB91F155A/MB91155/MB91154
6
(Continued)
Pin No.
Pin name
Circuit
type
Function
46
BGRNT/P81
F
External bus release acceptance output
This function is enabled when external bus release acceptance output is
allowed.
Output “L” upon releasing of the external bus.
This pin is available as a port when external bus release acceptance out-
put is not allowed.
47
BRQ/P82
C
External bus release request input
This function is enabled when external bus release request input is al-
lowed.
Input “1” when the release of the external bus is desired.
This pin is available as a port when external bus release request input is
not in use.
48
RD/P83
F
External bus read strobe output
This function is enabled when external bus read strobe output is allowed.
This pin is available as a port when external bus read strobe output is not
allowed.
49
WR0/P84
F
External bus write strobe output
This function is enabled in external bus mode.
This pin is available as a port in single chip mode.
50
WR1/P85
F
External bus write strobe output
This function is enabled in external bus mode when the bus width is 16
bits.
This pin is available as a port in single chip mode or when the external bus
width is 8 bits.
51
CLK/P86
F
System clock output
The pin outputs the same clock as the external bus operating frequency.
The pin is available as a port when it is not used to output the clock.
52
53
54
MD2
MD1
MD0
G
Mode pins
To use these pins, connect them directly to either VCC or VSS.
Use these pins to set the basic MCU operating mode.
55
RST
B
External reset input
57
58
X1
X0
A
High-speed clock oscillation pins (16.5 MHz)
60
61
62
63
INT0/PC0
INT1/PC1
INT2/PC2
INT3/PC3
H
External interrupt request input 0-3
Since this input is used more or less continuously when the corresponding
external interrupt is allowed, output by the port needs to be stopped ex-
cept when it is performed deliberately.
Since this port is allowed to input also in standby mode, it can be used to
reset the standby state.
These pins are available as ports when external interrupt request input is
not in use.


Similar Part No. - MB91154PFV-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91154PFV-G FUJITSU-MB91154PFV-G Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91154PFV-G-XXX FUJITSU-MB91154PFV-G-XXX Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91154PFV-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com