Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G914 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G914
Description  150mA Low-Dropout Linear Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G914 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ver 0.1 Preliminary
Nov 05, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G914
Global Mixed-mode Technology Inc.
Figure 2. Adjustable Output Using External
Feedback Resistors
Over Current Protection
The G914 use a current mirror to monitor the output
current. A small portion of the PMOS output transis-
tor’s current is mirrored onto a resistor such that the
voltage across this resistor is proportional to the out-
put current. This voltage is compared against the ref-
erence voltage. Once the output current exceeds the
limit, the PMOS output transistor enters constant cur-
rent mode. The current is set to 370mA typically.
Over Temperature Protection
To prevent abnormal temperature from occurring, the
G914 has a built-in temperature monitoring circuit.
When it detects the temperature is above 150
oC, the
output transistor is turned off. When the IC is cooled
down to below 135
oC, the output is turned on again. In
this way, the G914 will be protected against abnormal
junction temperature during operation.
Shutdown Mode
When the SHDN pin is connected a logic low voltage,
the G914 enters shutdown mode. All the analog cir-
cuits are turned off completely, which reduces the
current consumption to only the leakage current. The
output is disconnected from the input. When the out-
put has no load at all, the output voltage will be dis-
charged to ground through the internal resistor voltage
divider.
Operating Region and Power Dissipation
Since the G914 is a linear regulator, its power dissipa-
tion is always given by P = IOUT (VIN – VOUT). The
maximum power dissipation is given by:
PD(MAX) = (TJ–TA)/θJA,=150
oC-25oC/220oC/W= 568mW
Where (TJ–TA) is the temperature difference the G914
die and the ambient air,θJA, is the thermal resistance
of the chosen package to the ambient air. In the case
of a SOT23-5 package, the thermal resistance is typi-
cally 220
oC/Watt.
The die attachment area of the G914’s lead frame is
connected to pin 2, which is the GND pin. Therefore,
the GND pin of G914 can carry away the heat of the
G914 die very effectively. To improve the power dis-
sipation, connect the GND pin to ground using a large
ground plane near the GND pin.
Applications Information
Capacitor Selection and Regulator Stability
Normally, use a 1µF capacitor on the input and a 1µF
capacitor on the output of the G914. Larger input ca-
pacitor values and lower ESR provide better sup-
ply-noise rejection and transient response. A higher-
value input capacitor (10µF) may be necessary if large,
fast transients are anticipated and the device is lo-
cated several inches from the power source.
Power-Supply Rejection and Operation from Sources
Other than Batteries
The G914 is designed to deliver low dropout voltages
and low quiescent currents in battery powered sys-
tems. Power-supply rejection is 42dB at low frequen-
cies.
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the values of the input and output ca-
pacitors, and using passive filtering techniques.
Load Transient Considerations
The G914 load-transient response graphs show two
components of the output response: a DC shift of the
output voltage due to the different load currents, and
the transient response. Typical overshoot for step
changes in the load current from 0mA to 100mA is
12mV. Increasing the output capacitor's value and
decreasing its ESR attenuates transient spikes.
Input-Output (Dropout) Voltage
A regulator's minimum input-output voltage differential
(or dropout voltage) determines the lowest usable
supply voltage. In battery-powered systems, this will
determine the useful end-of-life battery voltage. Be-
cause the G914 use a P-channel MOSFET pass tran-
sistor, their dropout voltage is a function of RDS(ON)
multiplied by the load current.
IN
OUT
SHDN
ADJ
GND
G914
- BATTERYCIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
470pF
R
L
IN
OUT
SHDN
ADJ
GND
G914
- BATTERYCIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
470pF
R
L


Similar Part No. - G914

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9141 GMT-G9141 Datasheet
85Kb / 1P
   600mA Low-Dropout Linear Regulators
G914A GMT-G914A Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G914A GMT-G914A Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
G914AF GMT-G914AF Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
G914B GMT-G914B Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Similar Description - G914

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com