Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7378CMRH Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7378CMRH
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7378CMRH Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7378CMRH Datasheet HTML 1Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 2Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 3Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 4Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 5Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 6Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 7Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 8Page - Maxim Integrated Products MAX7378CMRH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silicon Oscillator with Low-Power
Frequency Switching and Reset Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, VL = VCC, TA = -40°C to +125
°C, unless otherwise noted. Typical values are at VCC = 5V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND .............................................................-0.3V to +6V
All Other Pins to GND ................................-0.3V to (VCC + 0.3V)
CLOCK Current ................................................................
±10mA
Continuous Power Dissipation (TA = +70
°C)
8-Pin µMAX (derate 4.5mW/
°C above +70°C)....362mW (U8-1)
Operating Temperature Range .........................-40
°C to +135°C
Junction Temperature .....................................................+150
°C
Storage Temperature Range.............................-60
°C to +150°C
Lead Temperature (soldering, 10s).................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
2.7
5.5
V
Logic Output Supply Voltage
VL
Must be connected to VCC
2.7
5.5
V
ICC + IL
fCLOCK = 8MHz, no load
2.4
5.5
mA
Operating Supply Current
ICC + IL
fCLOCK = 32.768kHz, no load
11
25
µA
Shutdown Current
ISHDN
ENABLE = 0V; ICC + IL
3.0
7.5
µA
LOGIC INPUT (SPEED, ENABLE)
Input High Voltage
VIH
0.7 x
VCC
V
Input Low Voltage
VIL
0.3 x
VCC
V
Input Current
IIN
2µA
CLOCK OUTPUT
VL = 4.5V, ISOURCE = 9mA
VL -
0.4
Output High Voltage
VOH
VL = 2.7V, ISOURCE = 2.5mA
VL -
0.4
V
VL = 4.5V, ISINK = 20mA
0.4
Output Low Voltage
VOL
VL = 2.7V, ISINK = 10mA
0.4
V
VCC = 5V, TA = +25
°C (Note 2)
-2
+2
Initial Fast CLOCK Frequency
Accuracy
fFCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
-4
+4
%
Fast CLOCK Frequency
Temperature Sensitivity
(Note 3)
±50
±325
ppm/
oC
VCC = 5V, TA = +25
°C
32.440
32.768
33.096
Initial Slow CLOCK Frequency
Accuracy
fSCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
31.785
33.751
kHz
Slow CLOCK Frequency
Temperature Sensitivity
(Note 3)
±50
±325
ppm/
oC


Similar Part No. - MAX7378CMRH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
   -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG++ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results

Similar Description - MAX7378CMRH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
2021
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7376 MAXIM-MAX7376 Datasheet
673Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 10/04
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com