Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8574 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8574
Description  High-Efficiency LCD Boost with True Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8574 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8574 Datasheet HTML 1Page - Maxim Integrated Products MAX8574 Datasheet HTML 2Page - Maxim Integrated Products MAX8574 Datasheet HTML 3Page - Maxim Integrated Products MAX8574 Datasheet HTML 4Page - Maxim Integrated Products MAX8574 Datasheet HTML 5Page - Maxim Integrated Products MAX8574 Datasheet HTML 6Page - Maxim Integrated Products MAX8574 Datasheet HTML 7Page - Maxim Integrated Products MAX8574 Datasheet HTML 8Page - Maxim Integrated Products MAX8574 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
High-Efficiency LCD Boost
with True Shutdown
_______________________________________________________________________________________
5
PIN
NAME
FUNCTION
FB
(MAX8570/
MAX8571/
MAX8574)
Feedback for setting the output voltage. Connect FB to the center of a resistor voltage-divider from the
output to GND to set positive output voltages.
1
OUT
(MAX8572/
MAX8573/
MAX8575)
Output. The output voltage is preset to 15V. Connect a 1µF ceramic capacitor from OUT to GND. In
shutdown, OUT is pulled to GND by an internal 7.5M
Ω resistor.
2
GND
Ground
3
SHDN
Shutdown Input. A logic low at
SHDN places the part in low-power shutdown mode. Pull SHDN high or
connect to VCC for normal operation.
4LXInductor Switching Connection
5SW
Isolation Switch Output. Internally connected to the drain of a p-channel MOSFET used to isolate the
output from the input during shutdown. Connect a 4.7µF ceramic capacitor from SW to GND. If true
shutdown is not required, SW can be left open with the input supply connected directly to the inductor.
6VCC
Input Voltage Supply. Connect a 2.7V to 5.5V input supply to VCC. Connect a 1µF ceramic capacitor from
VCC to GND.
Pin Description
LOAD TRANSIENT
MAX8570/71/73/74/75 toc15
100µs/div
VOUT
IOUT
100mV/div
(AC-COUPLED)
5mA/div
0
STARTUP AND SHUTDOWN WAVEFORMS
MAX8570/71/73/74/75 toc16
400µs/div
VOUT
ILX
5V/div
10V/div
200mA/div
1.8Ω LOAD
0
0
VSHDN
BOOST SOFT-START
SW TURN-ON
Typical Operating Characteristics (continued)
(MAX8571, VCC = 3.6V, VOUT = 18V, Circuit of Figure 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8574

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8574 MAXIM-MAX8574 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8574 MAXIM-MAX8574 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8574EUT+T MAXIM-MAX8574EUT+T Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8574EUT+T MAXIM-MAX8574EUT+T Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
More results

Similar Description - MAX8574

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com