Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8575 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8575
Description  High-Efficiency LCD Boost with True Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8575 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8575 Datasheet HTML 2Page - Maxim Integrated Products MAX8575 Datasheet HTML 3Page - Maxim Integrated Products MAX8575 Datasheet HTML 4Page - Maxim Integrated Products MAX8575 Datasheet HTML 5Page - Maxim Integrated Products MAX8575 Datasheet HTML 6Page - Maxim Integrated Products MAX8575 Datasheet HTML 7Page - Maxim Integrated Products MAX8575 Datasheet HTML 8Page - Maxim Integrated Products MAX8575 Datasheet HTML 9Page - Maxim Integrated Products MAX8575 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
High-Efficiency LCD Boost
with True Shutdown
_______________________________________________________________________________________
7
Detailed Description
The MAX8570 family of compact, step-up DC-DC con-
verters operate from a 2.7V to 5.5V supply. Consuming
only 25µA of supply current, these ICs include an inter-
nal MOSFET switch with a low on-resistance. A true-
shutdown feature disconnects the battery from the load
and reduces the supply current to 0.05µA (typ). These
DC-DC converters are available with either a fixed 15V
output or are adjustable up to 28V. Three current-limit
options are available: 110mA, 250mA, and 500mA. See
the Selector Guide on page 1.
Control Scheme
The MAX8570 family features a minimum off-time cur-
rent-limited control scheme operating in discontinuous
mode. An internal p-channel MOSFET switch connects
VCC to SW to provide power to the inductor when the
converter is operating. When the converter is shut
down, this switch disconnects the input supply from the
inductor (see Figure 1).
To boost the output voltage, an n-channel MOSFET
switch turns on and allows current to ramp up in the
inductor. Once this current reaches the current limit,
the switch turns off and the inductor current flows
through D1 to supply the output. The switching fre-
quency varies depending on the load and input voltage
and can be up to 800kHz.
Setting the Output Voltage
The output voltage of the MAX8570, MAX8571, and
MAX8574 is adjustable from VCC to 28V by using a
resistor voltage-divider (see Figure 2). Select R2 from
10kΩ to 600kΩ and calculate R1 with the following
equation:
where VFB = 1.226V and VOUT can range from VCC to
28V. For best accuracy, ensure that the bias current
through the feedback resistors is at least 2µA.
The MAX8572, MAX8573, and MAX8575 have a fixed
15V output. When using these parts, connect OUT
directly to the output (see Figure 3).
Shutdown (
SHDN)
Drive SHDN low to enter shutdown. During shutdown
the supply current drops to 0.05µA (typ), the output is
disconnected from the input, and LX enters a high-
impedance state. The capacitance and load at the out-
put determine the rate at which VOUT decays. SHDN
can be pulled as high as 6V regardless of the input and
output voltages.
With a typical step-up converter circuit, the output
remains connected to the input through the inductor
and output rectifier, holding the output voltage to one
diode drop below VCC when the converter is shut down
and allowing the output to draw power from the input.
The MAX8570 family features true-shutdown mode, dis-
connecting the output from the input with an internal p-
channel MOSFET switch when shut down. This
eliminates power draw from the input during shutdown.
Soft-Start
The MAX8570 family uses two soft-start mechanisms.
When the true-shutdown feature is used (SW is con-
nected as in Figure 2 and Figure 3), the gate of the
internal high-side p-channel switch turns on slowly to
prevent inrush current. This takes approximately 200µs.
When SW is fully turned on, the internal n-channel
switch begins boosting the input to set the output volt-
age. When VFB is less than 0.5V (with or without the use
of true shutdown), the minimum off-time of the internal
n-channel switch increases from 1µs to 5µs to control
inrush current.
Separate Power for Inductor
Separate power supplies can be used for the IC and
the inductor. This allows power to be used from a bat-
tery or supply with a voltage as low as 0.8V, or higher
than the VCC operating range of the converter. When
using a separate inductor supply, SW is left unconnect-
ed and the supply is connected directly to the inductor
(see Figure 4). Note that in this configuration the output
is no longer disconnected from the input during shut-
down. In shutdown the output voltage goes to a diode
drop below the inductor supply voltage.
Protection Features
The MAX8570 family has protection features designed
to make it extremely robust to application errors (see
Table 1). If the output capacitor in the application is
missing, the MAX8570 family protects the internal
switch from being damaged. If the top feedback resis-
tor or the external diode is disconnected, the converter
stops switching and the output is resistively loaded to
ground. Similarly, if the external diode polarity is
reversed, the converter discontinues switching. If the
bottom feedback resistor is missing, the output stays at
a diode drop less than the inductor supply voltage or
1.226V (whichever is greater). In fact, in response to
most fault conditions, the MAX8570 family protects not
only itself, but also the downstream circuitry.
RR
V
V
OUT
FB
12
1
=


Similar Part No. - MAX8575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8575 MAXIM-MAX8575 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8575 MAXIM-MAX8575 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8575EUT+T MAXIM-MAX8575EUT+T Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8575EUT+T MAXIM-MAX8575EUT+T Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
More results

Similar Description - MAX8575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com