Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1127FP Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA1127FP
Description  5 Transistor Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA1127FP Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA1127FP Datasheet HTML 1Page - Hitachi Semiconductor HA1127FP Datasheet HTML 2Page - Hitachi Semiconductor HA1127FP Datasheet HTML 3Page - Hitachi Semiconductor HA1127FP Datasheet HTML 4Page - Hitachi Semiconductor HA1127FP Datasheet HTML 5Page - Hitachi Semiconductor HA1127FP Datasheet HTML 6Page - Hitachi Semiconductor HA1127FP Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HA1127, HA1127P, HA1127FP
504
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
HA1127
Unit
Collector base voltage
VCBO
20
V
Collector substrate voltage
VCIO
20
V
Collector emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
50
mA
Allowable collector power
PC*
1
300
mW
Allowable collector power
PC
750*
2
mW
625*
3
Operating temperature
Topr
–55 to +125
°C
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. Allowable value per individual transistor. This is the allowable value up to Ta = 25°C. Derate at
3 mW/°C above that temperature.
2. Allowable value for the whole package.
This is the allowable value up to Ta = 35°C for the HA1127P. Derate at 8.3 mW/°C above that
temperature.
3. See page 51.


Similar Part No. - HA1127FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA11211 HITACHI-HA11211 Datasheet
177Kb / 3P
   FM/AM Streo Receiver System
logo
List of Unclassifed Man...
HA11211 ETC2-HA11211 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Hitachi Semiconductor
HA11215A HITACHI-HA11215A Datasheet
256Kb / 4P
   COLOR TV PICTURE IF SYSTEM
HA11221 HITACHI-HA11221 Datasheet
146Kb / 4P
   B/W TV Picture IF Amplifier
HA11223W HITACHI-HA11223W Datasheet
78Kb / 2P
   PLL FM Stereo Demodulator with Pilot Cancel
More results

Similar Description - HA1127FP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
AN90B00 PANASONIC-AN90B00 Datasheet
268Kb / 7P
   TRANSISTOR ARRAYS
logo
Texas Instruments
SN75466 TI-SN75466 Datasheet
433Kb / 8P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
logo
Rohm
4AA11 ROHM-4AA11 Datasheet
82Kb / 2P
   Power Transistor Arrays
logo
Panasonic Semiconductor
PU4220 PANASONIC-PU4220 Datasheet
60Kb / 1P
   Power Transistor Arrays
logo
Texas Instruments
SN75468 TI-SN75468 Datasheet
159Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com