Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90549G Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90549G
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90549G Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90549G Datasheet HTML 5Page - Fujitsu Component Limited. MB90549G Datasheet HTML 6Page - Fujitsu Component Limited. MB90549G Datasheet HTML 7Page - Fujitsu Component Limited. MB90549G Datasheet HTML 8Page - Fujitsu Component Limited. MB90549G Datasheet HTML 9Page - Fujitsu Component Limited. MB90549G Datasheet HTML 10Page - Fujitsu Component Limited. MB90549G Datasheet HTML 11Page - Fujitsu Component Limited. MB90549G Datasheet HTML 12Page - Fujitsu Component Limited. MB90549G Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
MB90540/540G/545/545G Series
9
s
s
s
s PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP*2
QFP*1
80
81
82
83
X0
X1
A
(Oscillation)
High speed crystal oscillator input pins
78
80
X0A
A
(Oscillation)
Low speed crystal oscillator input pins. For the one clock sys-
tem parts, perfom external pull-down processing.
77
79
X1A
Low speed crystal oscillator input pins. For the one clock sys-
tem parts, leave it open.
75
77
RST
B
External reset request input pin
50
52
HST
C
Hardware standby input pin
83 to 90
85 to 92
P00 to P07
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus. This
function is enabled when the external bus is enabled.
91 to 98 93 to 100
P10 to P17
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode.
AD08 to AD15
I/O pins for 8 higher bits of the external address/data bus. This
function is enabled when the external bus is enabled.
99 to 6
1 to 8
P20 to P27
I
General I/O port with programmable pullup. In external bus
mode, this function is valid when the corresponding bits in the
external address output control resister (HACR) are set to “1”.
A16 to A23
8-bit I/O pins for A16 to A23 at the external address/data bus.
In external bus mode, this function is valid when the corre-
sponding bits in the external address output control resister
(HACR) are set to “0”.
79
P30
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode.
ALE
Address latch enable output pin. This function is enabled
when the external bus is enabled.
810
P31
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode.
RD
Read strobe output pin for the data bus. This function is en-
abled when the external bus is enabled.
10
12
P32
I
General I/O port with programmable pullup. This function is
enabled in the single-chip mode or when the WR/WRL pin out-
put is disabled.
WRL
Write strobe output pin for the data bus. This function is en-
abled when both the external bus and the WR/WRL pin output
are enabled. WRL is write-strobe output pin for the lower 8 bits
of the data bus in 16-bit access. WR is write-strobe output pin
for the 8 bits of the data bus in 8-bit access.
WR


Similar Part No. - MB90549G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90549GPF CYPRESS-MB90549GPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90549GPMC CYPRESS-MB90549GPMC Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90549GSPF CYPRESS-MB90549GSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90549GSPMC CYPRESS-MB90549GSPMC Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90549G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com