Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHP69273X22G Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # VHP69273X22G
Description  The Laird vehicular 5-port MIMO antenna covers the 698-960
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

VHP69273X22G Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  VHP69273X22G Datasheet HTML 1Page - Laird Tech Smart Technology VHP69273X22G Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vehicular 5-Port MIMO Antenna
VHP69273x22G
Frequency Band
Band Width
Nominal Impedance
Amplier Gain
1575.42 MHz (GPS L1)
6 MHz (Typical)
27 dB ± 3 dBc
50 Ω
GPS ANTENNA SPECIFICATIONS
PERFORMANCE
Output VSWR
DC Voltage
DC Current
< 1.5:1
2.7 - 12 Vdc
20 mA (Nominal); < 30 mA ( -40°C - +85°C)
> 40 dB rejection @ ± 50 MHz from center frequency
Out-of-Band Signal Rejection
Intermodulation@ CW Mode
(-40°C - +85°C)
Input 1 dB Compression @
750 MHz, 2000 MHz & 3500 MHz
Int1
> 10 dBm (-40°C - +85°C)
RF Connector
Cable (exposed length)
SMA-Male
RG174-518.2 cm (17ft)
PARAMETER
Int2
IM3
Power, dBm
Power, dBm
Power, dBm
-10(1842.8 MHz)
-10(2110 MHz)
-100(1575.6 MHz)
-10(829.58 MHz)
-10(755.42 MHz)
-10(2405 MHz)
-10(820 MHz)
-100(1575.42 MHz)
-100(1575.42 MHz)
ANT-DS-VHP69273x22G 0815
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All
Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
PART NUMBERS
PART NUMBER
VHP69273B22G-518A 2-Ports 4G/LTE, 1-Port GPS: SMA Male; 2 Ports WiFi:RPSMA Male(Black)
VHP69273W22G-518A 2-Ports 4G/LTE, 1-Port GPS: SMA Male; 2 Ports WiFi:RPSMA Male(White)


Similar Part No. - VHP69273X22G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VHP-16 MINI-VHP-16 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-19 MINI-VHP-19 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-26 MINI-VHP-26 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
logo
Vishay Siliconix
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
logo
Mini-Circuits
VHP-39 MINI-VHP-39 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
More results

Similar Description - VHP69273X22G

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
VLT69273X2NG LSTD-VLT69273X2NG Datasheet
586Kb / 2P
   Vehicular 3-Port MIMO Antenna
VLQ69273X22N LSTD-VLQ69273X22N Datasheet
588Kb / 1P
   Vehicular 4-Port MIMO Antenna
VLQ69273X21G LSTD-VLQ69273X21G Datasheet
591Kb / 2P
   Vehicular 4-Port MIMO Antenna
VLQ24593XN4N LSTD-VLQ24593XN4N Datasheet
1Mb / 2P
   Vehicular 4-Port MIMO Antenna
VMX24493RSM-XXX LSTD-VMX24493RSM-XXX Datasheet
261Kb / 1P
   Vehicular MIMO Antenna
logo
Tyco Electronics
1-2823591-1 MACOM-1-2823591-1 Datasheet
216Kb / 1P
   TRANSIT ANTENNA MiMo Without GPS,2X 698-960/1710-6000 MHz
1-2823592-1 MACOM-1-2823592-1 Datasheet
240Kb / 1P
   TRANSIT ANTENNA MiMo with GPS/GNSS,2X 698-960/1710-6000 MHZ
logo
Roithner LaserTechnik G...
ELD98NPT50 ROITHNER-ELD98NPT50 Datasheet
1Mb / 7P
   the specification covers
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com