Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB50NBT Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # WB50NBT
Description  Input Low-Level Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

WB50NBT Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button WB50NBT Datasheet HTML 3Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 4Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 5Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 6Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 7Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 8Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 9Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 10Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
WB50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wi-fi
7
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0600
Feature
Description
Current Consumption
Note: These current
consumption
measurements were
taken using Linux kernel
version 4.1.
Note: Standby refers to
the radio operating while
connected to an AP but
not transmitting or
receiving.
Mode
3.3 V
Average Current
(mA)
Maximum Current
(mA)
802.11a
Transmit
755
1385
Receive
149
268
Standby
65
207
802.11b
Transmit
520
972
Receive
134
234
Standby
65
207
802.11g
Transmit
495
1092
Receive
134
234
Standby
65
207
802.11n (2.4 GHz)
Transmit
497
1092
Receive
135
234
Standby
65
207
802.11n (5 GHz)
Transmit
731
1507
Receive
150
268
Standby
65
207
Operating Temperature
-30° to +85°C (-22°F to 185°F)
Operating Humidity
10 to 90% (non-condensing)
Storage Temperature
-30° to 85°C (-22° to 185°F)
Storage Humidity
10 to 90% (non-condensing)
Maximum Electrostatic
Discharge
Conductive 4KV; Air coupled 8KV follow EN61000-4-2
Length/Width/Thickness
47 mm x 37 mm x 4.9 mm
Note:
Length, width, and thickness measurements include the metal
shielding.
Weight
8.6 g (0.30 oz.)


Similar Part No. - WB50NBT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB5-1TL COILCRAFT-WB5-1TL Datasheet
270Kb / 2P
   Wideband Transformers
WB5-1TL COILCRAFT-WB5-1TL Datasheet
212Kb / 5P
   Wideband Transformers
WB5-1TL COILCRAFT-WB5-1TL Datasheet
212Kb / 5P
   Wideband Transformers
WB5-1TL COILCRAFT-WB5-1TL Datasheet
616Kb / 5P
   Wideband Transformers
WB5-1TSL COILCRAFT-WB5-1TSL Datasheet
270Kb / 2P
   Wideband Transformers
More results

Similar Description - WB50NBT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B21 AD-7B21 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
7B21 AD-7B21_15 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
logo
Nexperia B.V. All right...
74AUP1T08 NEXPERIA-74AUP1T08 Datasheet
202Kb / 15P
   Low-power 2-input AND gate with voltage-level translator
74AUP1T00 NEXPERIA-74AUP1T00 Datasheet
202Kb / 15P
   Low-power 2-input NAND gate with voltage-level translator
74AUP1T02 NEXPERIA-74AUP1T02 Datasheet
233Kb / 13P
   Low-power 2-input NOR gate with voltage-level translator
Rev. 3 - 22 February 2022
74AUP1T32 NEXPERIA-74AUP1T32 Datasheet
202Kb / 15P
   Low-power 2-input OR-gate with voltage-level translator
74AUP1T08-Q100 NEXPERIA-74AUP1T08-Q100 Datasheet
220Kb / 13P
   Low-power 2-input AND gate with voltage-level translator
Rev. 2 - 25 January 2022
logo
CML Microcircuits
DB102 CMLMICRO-DB102 Datasheet
175Kb / 11P
   Low Signal Level Input of 10mVrms
logo
Nexperia B.V. All right...
74AUP1T86 NEXPERIA-74AUP1T86 Datasheet
236Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate with voltage-level translator
Rev. 3 - 26 January 2022
74AUP1T87 NEXPERIA-74AUP1T87 Datasheet
234Kb / 13P
   Low-power 2-input EXCLUSIVE-NOR gate with voltage-level translator
Rev. 3 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com