Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-BGA442A-01 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SS-BGA442A-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA442A-01 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SS-BGA442A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA442A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA442A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA442A-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Status: Released
Drawing: Vinayak R
Rev: A
Date: 3/2/2010
Modified:
File: SS-BGA442A-01 Dwg
SS-BGA442A-01 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Scale: -
Ø 5.00mm (x4)
PAGE 4 of 4
Side View
Top View
Description: Backing Plate with Insulation Plate
6.35mm
29.725mm±0.025mm (x4)
Note: Backing plate holes are tapped to accept 0-80 screws.
2.35mm
4x 0-80 UNF Close Fit
34.73mm
R 3.17mm (x4)
Ø 5.00mm (x4)
Backing Plate
6.65mm
6.65mm


Similar Part No. - SS-BGA442A-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA400-01 IRONWOOD-SS-BGA400-01 Datasheet
148Kb / 5P
   Minimum real estate required
SS-BGA400F-01 IRONWOOD-SS-BGA400F-01 Datasheet
166Kb / 5P
   Minimum real estate required
SS-BGA416E-01 IRONWOOD-SS-BGA416E-01 Datasheet
124Kb / 4P
   Minimum real estate required
SS-BGA420C-01 IRONWOOD-SS-BGA420C-01 Datasheet
125Kb / 4P
   Minimum real estate required
SS-BGA420D-01 IRONWOOD-SS-BGA420D-01 Datasheet
164Kb / 5P
   Minimum real estate required
More results

Similar Description - SS-BGA442A-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com