Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4540C683JDGACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4540C683JDGACAUTO
Description  Ceramic, AUTO-(CxxxxC-AUTO), 0.068 uF, 5%, 1,000 V, 4540, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4540C683JDGACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C4540C683JDGACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 2dceb0d5-4d12-467a-b2d8-ce3c80ad80b8
KEMET Part Number: C4540C683JDGACAUTO
Ceramic, AUTO-(CxxxxC-AUTO), 0.068 uF, 5%, 1,000 V, 4540, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
Dimensions
L
11.4mm +/-0.4mm
W
10.2mm +/-0.4mm
T
2.5mm +/-0.20mm
B
0.76mm +/-0.4mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 200
General Information
Style: SMD Chip
Series: AUTO-(CxxxxC-AUTO)
Chip Size: 4540
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Automotive Grade
Features: Ultra-Stable, Low Loss,
Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 0.068 uF
Capacitance Tolerance: 5%
Voltage DC: 1000 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 14.706 GOhms
Dielectric Strength: 1,200 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C4540C683JDGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4540C104JBGACAUTO KEMET-C4540C104JBGACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 5%, 630 V, 4540, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C4540C332BBGACAUTO KEMET-C4540C332BBGACAUTO Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C4540C332BBGACAUTO KEMET-C4540C332BBGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C4540C332BBGACAUTO KEMET-C4540C332BBGACAUTO Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C4540C332BBGACTU KEMET-C4540C332BBGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C4540C683JDGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4540C104JBGACAUTO KEMET-C4540C104JBGACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 5%, 630 V, 4540, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C3640C473JDGACAUTO KEMET-C3640C473JDGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.047 uF, 5%, 1,000 V, 3640, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C2824C223JDGACAUTO KEMET-C2824C223JDGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 5%, 1,000 V, 2824, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C1812C683J1GACAUTO KEMET-C1812C683J1GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 0.068 uF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1812
C1206C683J5GACAUTO KEMET-C1206C683J5GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 0.068 uF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1210C473J2GACAUTO KEMET-C1210C473J2GACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.047 uF, 5%, 200 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C1206C183J2GACAUTO KEMET-C1206C183J2GACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.018 uF, 5%, 200 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C1210C103J2GACAUTO KEMET-C1210C103J2GACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 5%, 200 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C3040C103JGGACAUTO KEMET-C3040C103JGGACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 5%, 2,000 V, 3040, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C1206C103J2GACAUTO KEMET-C1206C103J2GACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 5%, 200 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com