Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14856 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14856
Description  5kVRMS Isolated 500kbps/25Mbps Full-Duplex
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14856 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14856 Datasheet HTML 1Page - Maxim Integrated Products MAX14856 Datasheet HTML 2Page - Maxim Integrated Products MAX14856 Datasheet HTML 3Page - Maxim Integrated Products MAX14856 Datasheet HTML 4Page - Maxim Integrated Products MAX14856 Datasheet HTML 5Page - Maxim Integrated Products MAX14856 Datasheet HTML 6Page - Maxim Integrated Products MAX14856 Datasheet HTML 7Page - Maxim Integrated Products MAX14856 Datasheet HTML 8Page - Maxim Integrated Products MAX14856 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
VDDA to GNDA ......................................................-0.3V to +6V
VDDB to GNDB.......................................................-0.3V to +6V
VLDO to GNDB .....................................................-0.3V to +16V
TXD, DE, RE to GNDA ...........................................-0.3V to +6V
SBA, RXD to GNDA ............................. -0.3V to (VDDA + 0.3V)
A, B, Z, Y to GNDB ..................................................-8V to +13V
Short Circuit Duration (RXD, SBA to GNDA,
A, B, Y, Z ,VDDB to GNDB) ...................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-pin Wide SOIC
(derate 14.1mW/°C above +70°C)..........................1126.8mW
Operating Temperature Range......................... -40°C to +105°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Junction-to-AmbientThermalResistance(θJA) ..............71°C/W
Junction-to-CaseThermalResistance(θJC)...................23°C/W
(Note 1)
DC Electrical Characteristics
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 3.0V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDDA – VGNDA = 3.3V, VDDB – VGNDB = 3.3V, VGNDA = VGNDB, and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER
Supply Voltage
VDDA
1.71
5.5
V
VDDB
3.0
5.5
Supply Current
IDDA
VDDA = 5V, DE = high, RE = TXD = low,
RXD unconnected, no load
3.9
6.6
mA
IDDB
DE = high, RE = TXD = low, RXD
unconnected, no bus load, VDDB = 3.3V
7
12.5
Undervoltage-Lockout
Threshold
VUVLOA VDDA rising
1.50
1.58
1.65
V
VUVLOB VDDB rising
2.55
2.7
2.85
Undervoltage-Lockout
Threshold Hysteresis
VUVHYSTA
50
mV
VUVHYSTB
200
LDO
LDO Supply Voltage
VLDO
Relative to GNDB, LDO is on (Note 4)
3.18
14
V
LDO Supply Current
ILDO
DE = high, TXD = low, no bus load,
VLDO = 5.5V
7.5
12.9
mA
LDO Output Voltage
VDDB
3.0
3.3
3.6
V
LDO Current Limit
300
mA
Load Regulation
VLDO = 3.3V, ILOAD = 20mA to 40mA
0.19
1.7
mV/mA
Line Regulation
VLDO = 3.3V to 14V, ILOAD = 20mA
0.12
1.8
mV/V
Dropout Voltage
VLDO = 3.18V, IDDB = -120mA
100
180
mV
MAX14856/MAX14858
www.maximintegrated.com
Maxim Integrated │ 2
5kVRMS Isolated 500kbps/25Mbps Full-Duplex
RS-485/RS-422 Transceivers
with ±35kV ESD Protection
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics


Similar Part No. - MAX14856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14856 MAXIM-MAX14856 Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
More results

Similar Description - MAX14856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14852 MAXIM-MAX14852 Datasheet
807Kb / 22P
   2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Renesas Technology Corp
ISL32705E RENESAS-ISL32705E Datasheet
860Kb / 20P
   Low-EMI Isolated Full-Duplex RS-485 Transceiver
logo
Maxim Integrated Produc...
MAX14882 MAXIM-MAX14882 Datasheet
527Kb / 15P
   5kVRMS Isolated CAN Transceiver with Integrated Transformer Driver
Rev 0; 2/18
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com