Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG0H104ZF Datasheet(PDF) 5 Page - Kemet Corporation

Part # FG0H104ZF
Description  Supercapacitors FG Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG0H104ZF Datasheet(HTML) 5 Page - Kemet Corporation

  FG0H104ZF Datasheet HTML 1Page - Kemet Corporation FG0H104ZF Datasheet HTML 2Page - Kemet Corporation FG0H104ZF Datasheet HTML 3Page - Kemet Corporation FG0H104ZF Datasheet HTML 4Page - Kemet Corporation FG0H104ZF Datasheet HTML 5Page - Kemet Corporation FG0H104ZF Datasheet HTML 6Page - Kemet Corporation FG0H104ZF Datasheet HTML 7Page - Kemet Corporation FG0H104ZF Datasheet HTML 8Page - Kemet Corporation FG0H104ZF Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6013_FG • 7/10/2014
Supercapacitors – FG Series
Specifications
Item
FG, FGH Type
FGR Type
Test Conditions
(conforming to JIS C 5160-1)
Category Temperature Range
-25ºC to +70ºC
-40ºC to +85ºC
Maximum Operating Voltage
5.5 VDC, 3.5 VDC
5.5 VDC
Capacitance
Refer to Table 1
Refer to Table 1
Refer to “Measurement Conditions”
Capacitance Allowance
+80%, -20%
+80%, -20%
Refer to “Measurement Conditions”
ESR
Refer to Table 1
Refer to Table 1
Measured at 1 kHz, 10 mA; See also
“Measurement Conditions”
Current (30 minutes value)
Refer to Table 1
Refer to Table 1
Refer to “Measurement Conditions”
Surge
Capacitance
> 90% of initial ratings
> 90% of initial ratings
Surge voltage:
Charge:
Discharge:
Number of cycles:
Series resistance:
Discharge
resistance:
Temperature:
6.3 V (5.5 V type)
4.0 V (3.5 V type)
30 seconds
9 minutes 30 seconds
1,000
0.010 F
1500Ω
0.022 F
560 Ω
0.047 F
300 Ω
0.10 F
150 Ω
0.22 F
56 Ω
0.47 F
30 Ω
1.0 F, 1.5 F
15 Ω
2.2 F, 4.7 F
10 Ω
0 Ω
70 ±2ºC (FG, FGH)
85 ±2ºC (FGR)
ESR
≤ 120% of initial ratings
≤ 120% of initial ratings
Current (30
minutes value)
≤ 120% of initial ratings
≤ 120% of initial ratings
Appearance
No obvious abnormality
No obvious abnormality
Characteristics
in Different
Temperature
Capacitance
Phase
2
≥ 50% of initial value
Phase
2
≥ 50% of initial value
Conforms to 4.17
Phase 1:
Phase 2:
Phase 3:
Phase 4:
Phase 5:
Phase 6:
+25 ±2ºC
-25 ±2ºC
-40 ±2ºC (FGR)
+25 ±2ºC
+70 ±2ºC (FG, FGH)
+85 ±2ºC (FGR)
+25 ±2ºC
ESR
≤ 400% of initial value
≤ 400% of initial value
Capacitance
Phase
3
Phase
3
≥ 30% of initial value
ESR
≤ 700% of initial value
Capacitance
Phase
5
≤ 200% of initial value
Phase
5
≤ 200% of initial value
ESR
Satisfy initial ratings
Satisfy initial ratings
Current (30
minutes value)
≤ 1.5 CV (mA)
≤ 1.5 CV (mA)
Capacitance
Phase
6
Within ±20% of initial value
Phase
6
Within ±20% of initial value
ESR
Satisfy initial ratings
Satisfy initial ratings
Current (30
minutes value)
Satisfy initial ratings
Satisfy initial ratings
Vibration
Resistance
Capacitance
Satisfy initial ratings
Satisfy initial ratings
Conforms to 4.13
Frequency:
Testing Time:
10 to 55 Hz
6 hours
ESR
Current (30
minutes value)
Appearance
No obvious abnormality
No obvious abnormality
Solderability
Over 3/4 of the terminal should be
covered by the new solder
Over 3/4 of the terminal should be
covered by the new solder
Conforms to 4.11
Solder temp:
Dipping time:
+245 ±5ºC
5 ±0.5 seconds
1.6 mm from the bottom should be dipped.
Solder Heat
Resistance
Capacitance
Satisfy initial ratings
Satisfy initial ratings
Conforms to 4.10
Solder temp:
Dipping time:
+260 ±10ºC
10 ±1 seconds
ESR
Current (30
minutes value)
Appearance
No obvious abnormality
No obvious abnormality
1.6 mm from the bottom should be dipped.


Similar Part No. - FG0H104ZF

ManufacturerPart #DatasheetDescription
logo
NEC
FG0H104ZF NEC-FG0H104ZF Datasheet
476Kb / 39P
   Super Capacitors
More results

Similar Description - FG0H104ZF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com