Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC0V104ZFTBR24-SS Datasheet(PDF) 11 Page - Kemet Corporation

Part # FC0V104ZFTBR24-SS
Description  Supercapacitors FC Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0V104ZFTBR24-SS Datasheet(HTML) 11 Page - Kemet Corporation

Back Button FC0V104ZFTBR24-SS Datasheet HTML 7Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 8Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 9Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 10Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 11Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 12Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 13Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 14Page - Kemet Corporation FC0V104ZFTBR24-SS Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6011_FC • 3/7/2014
Supercapacitors – FC Series
Measurement Conditions
Capacitance (Charge System)
Capacitance is calculated from expression (9) by measuring the charge time constant (τ) of the capacitor (C). Prior to measurement, the
capacitor is discharged by shorting both pins of the device for at least 30 minutes. In addition, use the polarity indicator on the device to
determine correct orientation of capacitor for charging.
Eo:
3.0 (V) Product with maximum operating voltage of 3.5 V
5.0 (V) Product with maximum operating voltage of 5.5 V
6.0 (V) Product with maximum operating voltage of 6.5 V
10.0 (V) Product with maximum operating voltage of 11 V
12.0 (V) Product with maximum operating voltage of 12 V
τ:
Time from start of charging until Vc becomes 0.632 Eo (V) (seconds)
Rc:
See table below (Ω).
Charge Resistor Selection Guide
Cap
FA
FE
FS
FY
FR
FM, FME
FMR, FML FMC
FG
FGR
FGH
FT
FC, FCS
HV
FYD FYH FYL
0.010 F
5000 Ω
5000 Ω
5000 Ω
0.022 F 1000 Ω
1000 Ω 2000 Ω 2000 Ω 2000 Ω 2000 Ω
2000 Ω
2000 Ω
Discharge
0.033 F
Discharge
0.047 F 1000 Ω 1000 Ω 1000 Ω 2000 Ω 1000 Ω 2000 Ω 1000 Ω
2000 Ω
1000 Ω 2000 Ω
0.10 F
510 Ω 510 Ω 510 Ω 1000 Ω 510 Ω
1000 Ω
1000 Ω
1000 Ω 1000 Ω Discharge 510 Ω Discharge
0.22 F
200 Ω 200 Ω 200 Ω 510 Ω 510 Ω
510 Ω 0H: Discharge
0V: 1000 Ω
1000 Ω Discharge 200 Ω Discharge
0.33 F
Discharge
0.47 F
100 Ω 100 Ω 100 Ω 200 Ω 200 Ω
200 Ω
1000 Ω Discharge 100 Ω Discharge
1.0 F
51 Ω
51 Ω 100 Ω 100 Ω 100 Ω
100 Ω
510 Ω Discharge 100 Ω Discharge Discharge
1.4 F
200 Ω
1.5 F
51 Ω
510 Ω
2.2 F
100 Ω
200 Ω
51 Ω
2.7 F
Discharge
3.3 F
51 Ω
4.7 F
100 Ω
Discharge
5.0 F
100 Ω
5.6 F
20 Ω
10.0 F
Discharge
22.0 F
Discharge
50.0 F
Discharge
100.0 F
Discharge
200.0 F
Discharge
*Capacitance values according to the constant current discharge method.
*HV Series capacitance is measured by discharge system
Vc
Rc
Switch
C
+
Eo
Capacitance: C =
τ
(F) (9)
Rc


Similar Part No. - FC0V104ZFTBR24-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0V104ZFTBR24-SS KEMET-FC0V104ZFTBR24-SS Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

Similar Description - FC0V104ZFTBR24-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS_17 Datasheet
785Kb / 16P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com