Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14858GWE+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14858GWE+T
Description  5kVRMS Isolated 500kbps/25Mbps Full-Duplex
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14858GWE+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14858GWE+T Datasheet HTML 3Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 4Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 5Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 6Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 9Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 10Page - Maxim Integrated Products MAX14858GWE+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Safety Regulatory Approvals (Pending)
Insulation Characteristics
Note 10: VIORM, VIOWM, and VISO are defined by the IEC 60747-5-5 standard.
Note 11: Product is qualified at VISO for 60 seconds. 100% production tested at 120% of VISO for 1 second.
UL
TheMAX14856/MAX14858iscertifiedunderUL1577.Formoredetails,seeFileE351759.
Rate up to 5000VRMS isolation voltage for basic insulation.
cUL
Pending
VDE
Pending
TUV
Pending
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNITS
Partial Discharge Test Voltage
VPR
Method B1 = VIORM x 1.875 (t = 1s, par-
tial discharge < 5pC)
2250
VP
Maximum Repetitive Peak Withstand
Voltage
VIORM
(Note 7)
1200
VP
Maximum Working Isolation Voltage
VIOWM
(Note 7)
848
VRMS
Maximum Transient Isolation Voltage
VIOTM
t = 1s
8400
VP
Maximum Withstand Isolation Voltage
VISO
t = 60s, f = 60Hz (Note 7, 8)
5000
VRMS
Maximum surge Isolation Voltage
VIOSM
IEC 61000-4-5, 1.2/50μs
10
kV
Insulation Resistance
RS
TA = +150°C, VIO = 500V
>109
Ω
Barrier Capacitance Input to Output
CIO
2
pF
Creepage Distance
CPG
Wide SO
8
mm
Clearance Distance
CLR
Wide SO
8
mm
Internal Clearance
Distance through insulation
0.015
mm
Comparitive Tracking Resistance
Index
CTI
Material Group II (IEC 60112)
575
Climatic Category
40/125/21
Pollution Degree (DIN VDE 0110, Table 1)
2
MAX14856/MAX14858
www.maximintegrated.com
Maxim Integrated │ 7
5kVRMS Isolated 500kbps/25Mbps Full-Duplex
RS-485/RS-422 Transceivers
with ±35kV ESD Protection


Similar Part No. - MAX14858GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14858 MAXIM-MAX14858 Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
More results

Similar Description - MAX14858GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14852 MAXIM-MAX14852 Datasheet
807Kb / 22P
   2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Renesas Technology Corp
ISL32705E RENESAS-ISL32705E Datasheet
860Kb / 20P
   Low-EMI Isolated Full-Duplex RS-485 Transceiver
logo
Maxim Integrated Produc...
MAX14882 MAXIM-MAX14882 Datasheet
527Kb / 15P
   5kVRMS Isolated CAN Transceiver with Integrated Transformer Driver
Rev 0; 2/18
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com