Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGR0V104ZF Datasheet(PDF) 8 Page - Kemet Corporation

Part # FGR0V104ZF
Description  Supercapacitors FG Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FGR0V104ZF Datasheet(HTML) 8 Page - Kemet Corporation

Back Button FGR0V104ZF Datasheet HTML 4Page - Kemet Corporation FGR0V104ZF Datasheet HTML 5Page - Kemet Corporation FGR0V104ZF Datasheet HTML 6Page - Kemet Corporation FGR0V104ZF Datasheet HTML 7Page - Kemet Corporation FGR0V104ZF Datasheet HTML 8Page - Kemet Corporation FGR0V104ZF Datasheet HTML 9Page - Kemet Corporation FGR0V104ZF Datasheet HTML 10Page - Kemet Corporation FGR0V104ZF Datasheet HTML 11Page - Kemet Corporation FGR0V104ZF Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6013_FG • 7/10/2014
Supercapacitors – FG Series
Measurement Conditions
Capacitance (Charge System)
Capacitance is calculated from expression (9) by measuring the charge time constant (τ) of the capacitor (C). Prior to measurement, the
capacitor is discharged by shorting both pins of the device for at least 30 minutes. In addition, use the polarity indicator on the device to
determine correct orientation of capacitor for charging.
Eo:
3.0 (V) Product with maximum operating voltage of 3.5 V
5.0 (V) Product with maximum operating voltage of 5.5 V
6.0 (V) Product with maximum operating voltage of 6.5 V
10.0 (V) Product with maximum operating voltage of 11 V
12.0 (V) Product with maximum operating voltage of 12 V
τ:
Time from start of charging until Vc becomes 0.632 Eo (V) (seconds)
Rc:
See table below (Ω).
Charge Resistor Selection Guide
Cap
FA
FE
FS
FY
FR
FM, FME
FMR, FML FMC
FG
FGR
FGH
FT
FC, FCS
HV
FYD FYH FYL
0.010 F
5000 Ω
5000 Ω
5000 Ω
0.022 F 1000 Ω
1000 Ω 2000 Ω 2000 Ω 2000 Ω 2000 Ω
2000 Ω
2000 Ω
Discharge
0.033 F
Discharge
0.047 F 1000 Ω 1000 Ω 1000 Ω 2000 Ω 1000 Ω 2000 Ω 1000 Ω
2000 Ω
1000 Ω 2000 Ω
0.10 F
510 Ω 510 Ω 510 Ω 1000 Ω 510 Ω
1000 Ω
1000 Ω
1000 Ω 1000 Ω Discharge 510 Ω Discharge
0.22 F
200 Ω 200 Ω 200 Ω 510 Ω 510 Ω
510 Ω 0H: Discharge
0V: 1000 Ω
1000 Ω Discharge 200 Ω Discharge
0.33 F
Discharge
0.47 F
100 Ω 100 Ω 100 Ω 200 Ω 200 Ω
200 Ω
1000 Ω Discharge 100 Ω Discharge
1.0 F
51 Ω
51 Ω 100 Ω 100 Ω 100 Ω
100 Ω
510 Ω Discharge 100 Ω Discharge Discharge
1.4 F
200 Ω
1.5 F
51 Ω
510 Ω
2.2 F
100 Ω
200 Ω
51 Ω
2.7 F
Discharge
3.3 F
51 Ω
4.7 F
100 Ω
Discharge
5.0 F
100 Ω
5.6 F
20 Ω
10.0 F
Discharge
22.0 F
Discharge
50.0 F
Discharge
100.0 F
Discharge
200.0 F
Discharge
*Capacitance values according to the constant current discharge method.
*HV Series capacitance is measured by discharge system
Vc
Rc
Switch
C
+
Eo
Capacitance: C =
τ
(F) (9)
Rc


Similar Part No. - FGR0V104ZF

ManufacturerPart #DatasheetDescription
logo
NEC
FGR0H105ZF NEC-FGR0H105ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FGR0H105ZF KEMET-FGR0H105ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGR, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
logo
NEC
FGR0H225ZF NEC-FGR0H225ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FGR0H225ZF KEMET-FGR0H225ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGR, 2.2 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 7.62mm
logo
NEC
FGR0H474ZF NEC-FGR0H474ZF Datasheet
476Kb / 39P
   Super Capacitors
More results

Similar Description - FGR0V104ZF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com