Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14938GWE+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14938GWE+
Description  2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14938GWE+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14938GWE+ Datasheet HTML 2Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 3Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 4Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 5Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 6Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 7Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 8Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 9Page - Maxim Integrated Products MAX14938GWE+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Switching Electrical Characteristics (continued)
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Note 8)
Note 2: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 3: All currents into the device are positive. All currents out of the device are negative. All voltages are referenced to their
respective ground (GNDA or GNDB), unless otherwise noted.
Note 4: VLDO max indicates voltage capability of the circuit. Power dissipation requirements may limit VLDO max to a lower value.
Note 5: VODPP is the difference in VOD when TXD is high and when TXD is low.
Note 6: ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the TXD input changes state.
Note 7: The short circuit output current applies to the peak current just prior to foldback current limiting.
Note 8: Not production tested. Guaranteed by design.
Note 9: CMTI is the maximum sustainable common-mode voltage slew rate while maintaining the correct output states. CMTI
applies to both rising and falling common-mode voltage edges. Tested with the transient generator connected between
GNDA and GNDB. ΔVCM = 1kV.
Note 10: Capacitive load includes test probe and fixture capacitance.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Enable to Output Low
tDZL
RL = 500Ω, CL = 50pF, Figure 6
88
ns
Driver Disable Time from Low
tDLZ
RL = 500Ω, CL = 50pF, Figure 6
80
ns
Driver Disable Time from High
tDHZ
RL = 500Ω, CL = 50pF, Figure 5
80
ns
RECEIVER
Receiver Propagation Delay
tRPLH, tRPHL CL = 15pF, Figure 7 and 8 (Note 10)
68
ns
Receiver Output Skew
|tRPLH - tRPHL|
tRSKEW
CL = 15pF, Figure 7 and 8
(Note 10)
6
ns
Maximum Data Rate
DRMAX
20
Mbps
Receiver Enable to Output
High
tRZH
RL = 1kΩ, CL = 15pF, S2 closed,
Figure 9
20
ns
Receiver Enable to Output Low
tRZL
RL = 1kΩ, CL = 15pF, S1 closed,
Figure 9
30
ns
Receiver Disable Time From
Low
tRLZ
RL = 1kΩ, CL = 15pF, S1 closed,
Figure 9
20
ns
Receiver Disable Time From
High
tRHZ
RL = 1kΩ, CL = 15pF, S2 closed,
Figure 9
20
ns
MAX14938/MAX14939
2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
www.maximintegrated.com
Maxim Integrated │ 6


Similar Part No. - MAX14938GWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14938 MAXIM-MAX14938 Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
More results

Similar Description - MAX14938GWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14941 MAXIM-MAX14941 Datasheet
931Kb / 21P
   5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14852 MAXIM-MAX14852 Datasheet
807Kb / 22P
   2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
logo
Analog Devices
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
   20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com