Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGR0H104ZF Datasheet(PDF) 4 Page - Kemet Corporation

Part # FGR0H104ZF
Description  Supercapacitors FG Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FGR0H104ZF Datasheet(HTML) 4 Page - Kemet Corporation

  FGR0H104ZF Datasheet HTML 1Page - Kemet Corporation FGR0H104ZF Datasheet HTML 2Page - Kemet Corporation FGR0H104ZF Datasheet HTML 3Page - Kemet Corporation FGR0H104ZF Datasheet HTML 4Page - Kemet Corporation FGR0H104ZF Datasheet HTML 5Page - Kemet Corporation FGR0H104ZF Datasheet HTML 6Page - Kemet Corporation FGR0H104ZF Datasheet HTML 7Page - Kemet Corporation FGR0H104ZF Datasheet HTML 8Page - Kemet Corporation FGR0H104ZF Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6013_FG • 7/10/2014
Supercapacitors – FG Series
Table 1 – Ratings & Part Number Reference
Part Number
Maximum
Operating
Voltage (VDC)
Nominal Capacitance
Maximum ESR
@ 1 kHz (Ω)
Maximum
Current @ 30
Minutes (mA)
Voltage Holding
Characteristic
Minimum (V)
Weight (g)
Charge
System (F)
Discharge
System (F)
FG0V155ZF
3.5
1.5
2.2
65
1.5
5.2
FG0H103ZF
5.5
0.010
0.013
300
0.015
4.2
0.9
FG0H223ZF
5.5
0.022
0.028
200
0.033
4.2
1.0
FG0H473ZF
5.5
0.047
0.060
200
0.071
4.2
1.0
FG0H104ZF
5.5
0.10
0.13
100
0.15
4.2
1.3
FGH0H104ZF
5.5
0.10
100
0.15
4.2
1.0
FG0H224ZF
5.5
0.22
0.28
100
0.33
4.2
2.5
FGH0H224ZF
5.5
0.22
100
0.33
4.2
1.3
FGH0H105ZF
5.5
0.47
1.0
35
1.5
4.2
7.2
FGH0H474ZF
5.5
0.47
65
0.71
4.2
4.1
FGH0V474ZF
3.5
0.47
25
0.42
2.6
FG0H474ZF
5.5
0.47
0.60
120
0.71
4.2
5.1
FGR0H474ZF
5.5
0.47
0.60
120
0.71
4.2
5.1
FG0H105ZF
5.5
1.0
1.3
65
1.5
4.2
7.0
FGR0H105ZF
5.5
1.0
1.3
65
1.5
4.2
7.0
FG0H225ZF
5.5
2.2
2.8
35
3.3
4.2
12.1
FGR0H225ZF
5.5
2.2
2.8
35
3.3
4.2
12.1
FG0H475ZF
5.5
4.7
6.0
35
7.1
4.2
27.3
Part numbers in bold type represent popularly purchased components.


Similar Part No. - FGR0H104ZF

ManufacturerPart #DatasheetDescription
logo
NEC
FGR0H105ZF NEC-FGR0H105ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FGR0H105ZF KEMET-FGR0H105ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGR, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
More results

Similar Description - FGR0H104ZF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com