Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP240H-4815SRW Datasheet(PDF) 6 Page - Recom International Power

Part # RP240H-4815SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP240H-4815SRW Datasheet(HTML) 6 Page - Recom International Power

Back Button RP240H-4815SRW Datasheet HTML 2Page - Recom International Power RP240H-4815SRW Datasheet HTML 3Page - Recom International Power RP240H-4815SRW Datasheet HTML 4Page - Recom International Power RP240H-4815SRW Datasheet HTML 5Page - Recom International Power RP240H-4815SRW Datasheet HTML 6Page - Recom International Power RP240H-4815SRW Datasheet HTML 7Page - Recom International Power RP240H-4815SRW Datasheet HTML 8Page - Recom International Power RP240H-4815SRW Datasheet HTML 9Page - Recom International Power RP240H-4815SRW Datasheet HTML 10Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PB-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP240H-RW
Series
OUTPUT TRIM
continued on next page
RP240H-xx05SRW
RP240H-xx12SRW
RP240H-xx15SRW
RP240H-xx24SRW
RP240H-xx48SRW
Trim Down all Vout‘s
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
1 =
309
158
105
78.7
63.4
53.6
46.4
40.2
36.5
33.2
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
1 =
887
453
301
226
182
154
133
118
105
95.3
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
1 =
1130
576
383
294
237
196
169
150
137
124
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
Volts
R
1 =
1870
953
634
487
392
332
280
249
226
205
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
48.48
48.96
49.44
49.92
50.40
50.88
51.36
51.84
52.32
52.80
Volts
R
1 =
3830
1960
1300
991
806
681
576
511
464
422
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
R
2 =
97.6
47.5
31.6
23.2
18.2
14.7
12.1
10.5
9.09
8.06
KOhms
Trim down
11
12
13
14
15
16
17
18
19
20
%
R
2 =
7.15
6.34
5.76
5.11
4.64
4.22
3.92
3.57
3.24
3.01
KOhms
Trim Calculation
Vout
=
Output Voltage
R
1 =
q100*Vout+DVout*Vout) - (100+2DVout)rkΩ
DVout
=
Output Voltage Trim in %
1.225*
DVout
DVout
R1
=
trim up resistor
R2
=
trim down resistor
R
2 =
q 100 -2rkΩ
DVout
Practical Example:
Trim Up:
Vout = 5V,
DVout = 10% (5.5V)
R
1 =
q100*Vout+DVout*Vout) - (100+2DVout) rkΩ =100*5+10*5 -100+2*10 = 44.89-12 =33.2kΩ
1.225*
DVout
DVout
1.225*10
10
Trim down:
Vout = 5V,
DVout = -10% (4.5V)
R
2 =
q 100 -2rkΩ= 100-2= 8.06kΩ
DVout
10


Similar Part No. - RP240H-4815SRW

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RP24110ADA SYSTEMSENSOR-RP24110ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP241575ADA SYSTEMSENSOR-RP241575ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP2415ADA SYSTEMSENSOR-RP2415ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP2475ADA SYSTEMSENSOR-RP2475ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
More results

Similar Description - RP240H-4815SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com