Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKI-5525M-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-5525M-AE
Description  4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-5525M-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-5525M-AE Datasheet HTML 1Page - Advantech Co., Ltd. EKI-5525M-AE Datasheet HTML 2Page - Advantech Co., Ltd. EKI-5525M-AE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Industrial Ethernet Solutions
Features
EKI-5525S/M Series
4-port +1x100FX port (Single/Multi-mode,
SC/ST type), Fast Ethernet ProView Switch
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.1p, 802.3az, 802.3ab
ƒ
LAN
10/100Base-T(X), 100Base-FX
ƒ
Transmission Distance Ethernet: Up to 100 m
Multi-mode Fiber: Up to 2 km (EKI-5525M Series)
Single-mode Fiber: Up to 30 km (EKI-5525S Series)
ƒ
Optical Fiber
Multi-Mode (EKI-5525M/MI/M-ST/MI-ST)
Wavelength:1310nm
Tx Power: -14/-20 dBm
Rx Sensitivity: -32 dBm
Parameters: 50/125 um, 62.5/125 um
Single-Mode (EKI-5525S/SI/S-ST/SI-ST)
Wavelength: 1310 nm
Tx Power: -8/-15 dBm
Rx Sensitivity: -34 dBm
Parameters: 9/125 um
ƒ
Transmission Speed
Up to 100 Mbps
Interface
ƒ
Connectors
4 x RJ45 ports
1 x SC/ST type fiber optic connectors
6-pin screw Terminal Block (including relay)
ƒ
LED Indicators
P1,P2, P-Fail, Loop detection
10/100T(X): Link/Activity, Speed
Switch Properties
ƒ
MAC Table Size
2K
ƒ
Packet Buffer Size
1M bit
ƒ
Switching Capacity
1 Gbps
ƒ
Jumbo Frame
9216 bytes
Power
ƒ
Power Consumption
Max. 2.8 W
ƒ
Power Input
12~48 VDC (8.4~52.8 VDC), redundant dual inputs
ƒ
Fault Output
1 Relay Output
Mechanism
ƒ
Dimensions (W x H x D) 27 x 120 x 84 mm
ƒ
Enclosure
IP30, metal shell with solid mounting kits
ƒ
Mounting
DIN-Rail, Wall
Protection
ƒ
Reverse Polarity
Present
ƒ
Overload Current
Present
Environment
ƒ
Operating Temperature EKI-5525S/S-ST/M/M-ST: -10~60°C (14~140°F)
EKI-5525SI/SI-ST/MI/MI-ST: -40~75°C (-40~167°F)
ƒ
Storage Temperature
-40 ~ 75°C (-40 ~ 167°F)
ƒ
Operating Humidity
10 ~ 95% (non-condensing)
ƒ
Storage Humidity
10 ~ 95% (non-condensing)
ƒ
MTBF
282,703 hours
Certification
ƒ
Safety
IEC/EN60950, UL60950, UL508, Class 1 Division 2,
ATEX
ƒ
EMI
FCC Part 15 Subpart B Class A, EN 55011/55022
Class A
ƒ
EMS
EN61000-4-2 (ESD) Level 3
EN61000-4-3 (RS) Level 3
EN61000-4-4 (EFT) Level 3
EN61000-4-5 (Surge) Level 3
EN61000-4-6 (CS) Level 3
EN61000-4-8 (Magnetic Field) Level 3
ƒ
Shock
IEC 60068-2-27
ƒ
Freefall
IEC 60068-2-32
ƒ
Vibration
IEC 60068-2-6
Ordering Information
ƒ
EKI-5525S
4-port +1 x100FX port (Single -mode, SC type),
Fast Ethernet ProView Switch
ƒ
EKI-5525SI
4-port + 1 x100FX port (Single-mode, SC type),
Fast Ethernet ProView Switch with Wide Temperature
ƒ
EKI-5525M
4-port + 1 x100FX port (Multi-mode, SC type),
Fast Ethernet ProView Switch
ƒ
EKI-5525MI
4-port + 1 x100FX port (Multi-mode, SC type),
Fast Ethernet ProView Switch with Wide Temperature
ƒ
EKI-5525S-ST
4-port + 1 x100FX port (Single-mode, ST type),
Fast Ethernet ProView Switch
ƒ
EKI-5525SI-ST
4-port + 1 x100FX port (Single-mode, ST type),
Fast Ethernet ProView Switch with Wide Temperature
ƒ
EKI-5525M-ST
4-port + 1 x100FX port (Multi-mode, ST type),
Fast Ethernet ProView Switch
ƒ
EKI-5525MI-ST
4-port + 1 x100FX port (Multi-mode, ST type),
Fast Ethernet ProView Switch with Wide Temperature
ƒ Communicates with SCADA software via Modbus/TCP
ƒ Communicates with NMS (Networking management system) via SNMP
ƒ Port-based QoS for deterministic data transmission
ƒ -40~75°C operating temperature range
(EKI-5525SI/SI-ST,EKI-5525MI/MI-ST only)
ƒ 12 ~48 VDC ( 8.4 ~52.8 VDC )wide-range power input
ƒ EMS level 3 protection for extreme outdoor environments
ƒ IEEE 802.3az Energy Efficient Ethernet (EEE)
ƒ Jumbo Frame Support (Up to 9,216 Bytes)
ƒ Supports redundant 12~48VDC power input and P-Fail relay
ƒ Loop detection
Introduction
The EKI-5525S/SI/S-ST/SI-ST and EKI-5525M/MI/M-ST/MI-ST are the world’s first convergence switches for process control and IT networking management. This series uses Modbus/
TCP to communicate with the SCADA software and SNMP to communicate with NMS (Networking Management System) at the same time, thereby allowing full read control over the
devices either for control engineers or for IT. The devices come with the Port based QoS for deterministic data transmission allows the priority ports to prioritize the traffic coming
over those ports and delay the less immediately necessary data over the remaining ports. EKI-5525S/SI/S-ST/SI-ST and EKI-5525M/MI/M-ST/MI-ST switches use the highest quality
components, to enable the range to operate in temperatures of between -40 and 75’C along with EMS Level 3 protection to repel electromagnetic interface for industrial resistance.
EKI-5525S Series
EKI-5525M Series
All product specifications are subject to change without notice
RoHS
COMPLIANT
2011/65/EU
Date updated: 26-Jan-2015


Similar Part No. - EKI-5525M-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-5525M-ST ADVANTECH-EKI-5525M-ST Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode,SC/ST type), Fast Ethernet ProView Switch
EKI-5525M-ST-AE ADVANTECH-EKI-5525M-ST-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
More results

Similar Description - EKI-5525M-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-5525M-ST-AE ADVANTECH-EKI-5525M-ST-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
EKI-5525S ADVANTECH-EKI-5525S_15 Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode,SC/ST type), Fast Ethernet ProView Switch
EKI-5525MI-AE ADVANTECH-EKI-5525MI-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
EKI-5525S-ST-AE ADVANTECH-EKI-5525S-ST-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
EKI-5525MI-ST-AE ADVANTECH-EKI-5525MI-ST-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
EKI-5525S-AE ADVANTECH-EKI-5525S-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
EKI-5525SI-ST-AE ADVANTECH-EKI-5525SI-ST-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
EKI-5525SI-AE ADVANTECH-EKI-5525SI-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
EKI-5524MMI-ST-AE ADVANTECH-EKI-5524MMI-ST-AE Datasheet
709Kb / 3P
   4-port 2x100FX port (Single/Multimode, SC/ST type), Fast Ethernet ProView Switch
EKI-5524SS_ ADVANTECH-EKI-5524SS__15 Datasheet
709Kb / 1P
   4-port 2x100FX port (Single/Multimode,SC/ST type), Fast Ethernet ProView Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com