Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17572 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17572
Description  4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17572 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17572 Datasheet HTML 1Page - Maxim Integrated Products MAX17572 Datasheet HTML 2Page - Maxim Integrated Products MAX17572 Datasheet HTML 3Page - Maxim Integrated Products MAX17572 Datasheet HTML 4Page - Maxim Integrated Products MAX17572 Datasheet HTML 5Page - Maxim Integrated Products MAX17572 Datasheet HTML 6Page - Maxim Integrated Products MAX17572 Datasheet HTML 7Page - Maxim Integrated Products MAX17572 Datasheet HTML 8Page - Maxim Integrated Products MAX17572 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VIN to PGND .........................................................-0.3V to +65V
EN/UVLO to GND..................................................-0.3V to +65V
EXTVCC to GND ...................................................-0.3V to +26V
BST to PGND........................................................-0.3V to +70V
LX to PGND................................................-0.3V to (VIN + 0.3)V
BST to LX.............................................................-0.3V to +6.5V
BST to VCC ...........................................................-0.3V to +65V
RESET, SS, RT/SYNC to GND............................-0.3V to +6.5V
PGND to GND......................................................-0.3V to +0.3V
FB to GND............................................................-0.3V to +1.5V
VCC to PGND.......................................................-0.3V to +6.5V
LX Total RMS Current ........................................................±1.6A
Continuous Power Dissipation (TA = +70°C)
(derate 24.4mW/°C above +70°C) (Multilayer board) ..1951mW
Output Short-Circuit Duration....................................Continuous
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Junction-to-Ambient Thermal Resistance (θJA) ..............41°C/W
Junction-to-Case Thermal Resistance (θJC)..................8.5°C/W
(Note 1)
(VIN = VEN/UVLO = 24V, RRT = 40.2k, CVCC = 2.2µF, VPGND = VGND = EXTVCC = 0, LX = SS = RESET = OPEN, VBST to VLX = 5V,
VFB = 1V, TA = -40°C to 125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND, unless
otherwise noted.) (Note 2)
MAX17572
4.5V–60V, 1A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensaton
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Junction temperature greater than +125°C degrades operating lifetimes.
Package Thermal Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
Input Voltage Range
VIN_
4.5
60
V
Input Shutdown Current
IIN-SH
VEN/UVLO = 0V (shutdown mode)
4.65
7.25
µA
Input Quiescent Current
IQ_PWM
Normal switching mode, FSW = 500kHz,
VFB = 0.8V, EXTVCC = GND
5.2
mA
ENABLE/UVLO (EN)
EN/UVLO Threshold
VENR
VEN/UVLO rising
1.19
1.215
1.26
V
VENF
VEN/UVLO falling
1.068
1.09
1.131
V
EN/UVLO Input Leakage
Current
IENLKG
VEN/UVLO = 1.25V, TA = 25°C
-50
+50
nA
VCC LDO
VCC Output Voltage Range
VCC
1mA ≤ IVCC ≤ 15mA
4.75
5
5.25
V
6V ≤ VIN ≤ 60V; IVCC = 1mA
4.75
5
5.25
V
VCC Current Limit
IVCC-MAX
VCC = 4.3V, VIN = 6.5V
25
54
100
mA
VCC Dropout
VCC-DO
VIN = 4.5V , IVCC = 15mA
4.15
V
VCC UVLO
VCC-UVR
Rising
4.05
4.2
4.3
V
VCC-UVF
Falling
3.65
3.8
3.9
V
Electrical Characteristics


Similar Part No. - MAX17572

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17572 MAXIM-MAX17572 Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17572ATC++ MAXIM-MAX17572ATC+ Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17572EVKITA MAXIM-MAX17572EVKITA Datasheet
686Kb / 8P
   Output-Voltage Application
Rev 1; 6/17
MAX17572EVKITB MAXIM-MAX17572EVKITB Datasheet
819Kb / 8P
   Output-Voltage Application
Rev 0; 9/16
MAX17572 MAXIM-MAX17572_V01 Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
More results

Similar Description - MAX17572

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17572 MAXIM-MAX17572_V01 Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
   4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17503 MAXIM-MAX17503_V01 Datasheet
5Mb / 27P
   4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17536 MAXIM-MAX17536 Datasheet
877Kb / 19P
   4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 2; 6/18
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17576 MAXIM-MAX17576 Datasheet
1Mb / 22P
   4.5V to 60V, 4A, High-Efficiency Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 1; 9/20
MAX17545 MAXIM-MAX17545_V01 Datasheet
1Mb / 21P
   4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17504 MAXIM-MAX17504_V01 Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17543 MAXIM-MAX17543_V01 Datasheet
2Mb / 19P
   4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
   4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com